Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1365 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1365
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1365 Datasheet HTML 6Page - Allegro MicroSystems A1365 Datasheet HTML 7Page - Allegro MicroSystems A1365 Datasheet HTML 8Page - Allegro MicroSystems A1365 Datasheet HTML 9Page - Allegro MicroSystems A1365 Datasheet HTML 10Page - Allegro MicroSystems A1365 Datasheet HTML 11Page - Allegro MicroSystems A1365 Datasheet HTML 12Page - Allegro MicroSystems A1365 Datasheet HTML 13Page - Allegro MicroSystems A1365 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Output (V
, V)
OUT
Supply (V , V)
CC
t= 97 µs
PO
90% of Output
V
CC(min)
1.05 µs
97.80 µs
96.75 µs
10.336 kHz
X1 =
X2 =
DX =
1/ X =
D
1.00 V/div
-3.0000 V
4.5241 V
4.9957 V
471.6 mV
1.00 V/div
-3.0000 V
63.4 mV
3.0335 V
2.9701 V
Dy
Dy
C1
C2
BwL
BwL
F
F
DC1M
DC1M
Timebase
-120 µs
50.0 µs/div
20 MS/s
10.0 ks
Trigger
3.13 V
Positive
Stop
Edge
C1 DC
Input = 400 G Excitation Signal
Output (V
, mV)
OUT
t= 3.15 µs
R
90% of Output
10% of Input
C1
C2
Timebase
-6.96 µs Trigger
FLT DC1M
1.00 V/div
-3.0100 V
3.7602 V
3.8268 V
200 mV/div
-3.10600 V
2.57280 V
3.21215 V
2.00 µs/div
2.5 GS/s
830 mV
Positive
50.0 ks
Stop
Edge
FLT
C1
DC1M
DC
1.6316 µs
4.7764 µs
3.1448 µs
317.99 kHz
11/6/2013 10:21:02 AM
X1 =
X2 =
DX =
1/ X =
D
Rise Time (tr)
400 G Excitation Signal with 10% - 90% rise time = 1 µs
Sensitivity = 2 mV/G, CBYPASS = 0.1 µF, CL = 1 nF
Power-On Time (tPO)
400 G Constant Excitation Signal with VCC 10% - 90% rise time = 1 µs
Sensitivity = 2 mV/G, CBYPASS = Open, CL = 1 nF


Similar Part No. - A1365

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1365

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1367 ALLEGRO-A1367 Datasheet
845Kb / 27P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com