Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1223EUA-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1223EUA-T
Description  Chopper-Stabilized Precision Hall-Effect Latches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1223EUA-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1223EUA-T Datasheet HTML 6Page - Allegro MicroSystems A1223EUA-T Datasheet HTML 7Page - Allegro MicroSystems A1223EUA-T Datasheet HTML 8Page - Allegro MicroSystems A1223EUA-T Datasheet HTML 9Page - Allegro MicroSystems A1223EUA-T Datasheet HTML 10Page - Allegro MicroSystems A1223EUA-T Datasheet HTML 11Page - Allegro MicroSystems A1223EUA-T Datasheet HTML 12Page - Allegro MicroSystems A1223EUA-T Datasheet HTML 13Page - Allegro MicroSystems A1223EUA-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Chopper-Stabilized Precision Hall-Effect Latches
A1220, A1221,
A1222, and A1223
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CBYP
A122x
VOUT
GND
0.1 µF
VCC
Output
RL
VS
Operation
The output of these devices switches low (turns on) when a mag-
netic field perpendicular to the Hall element exceeds the operate
point threshold, BOP (see panel A of figure 1). After turn-on, the
output voltage is VOUT(SAT). The output transistor is capable of
sinking current up to the short circuit current limit, IOM, which is
a minimum of 30 mA. When the magnetic field is reduced below
the release point, BRP, the device output goes high (turns off).
The difference in the magnetic operate and release points is the
hysteresis, BHYS, of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
Removalofthemagneticfieldwillleavethedeviceoutput
latched on if the last crossed switchpoint is BOP, or latched off if
the last crossed switch point is BRP.
Powering-on the device in the hysteresis range (less than BOP and
higher than BRP) will give an indeterminate output state. The cor-
rect state is attained after the first excursion beyond BOP or BRP.
Applications
It is strongly recommended that an external bypass capacitor be
connected (in close proximity to the Hall element) between the
supply and ground of the device to reduce both external noise
andnoisegeneratedbythechopperstabilizationtechnique.Asis
shown in panel B of figure 1, a 0.1 µF capacitor is typical.
Extensive applications information for Hall effect devices is
available in:
• Hall-Effect IC Applications Guide, Application Note 27701
• Guidelines for Designing Subassemblies Using Hall-Effect
Devices, Application Note 27703.1
• Soldering Methods for Allegro’s Products – SMT and Through-
Hole, Application Note 26009
All are provided in Allegro Electronic Data Book, AMS-702, and
the Allegro Web site, www.allegromicro.com.
Figure 1. Switching behavior of latches. In panel A, on the horizontal axis, the B+ direction indicates increasing south polarity magnetic field strength,
and the B– direction indicates decreasing south polarity field strength (including the case of increasing north polarity). This behavior can be exhibited
when using a circuit such as that shown in panel B.
(A)
(B)
Functional Description
BHYS
VCC
VOUT(SAT)
B+
B–
V+
0
0


Similar Part No. - A1223EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1223EUA-T ALLEGRO-A1223EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
More results

Similar Description - A1223EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com