Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1365LKTTN-2-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1365LKTTN-2-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1365LKTTN-2-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1365LKTTN-2-T Datasheet HTML 4Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 5Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 6Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 7Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 8Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 9Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 10Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 11Page - Allegro MicroSystems A1365LKTTN-2-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
With High-Bandwidth (120 kHz) Analog Output and Integrated Fault Comparator
A1365
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Factory-Programmed Quiescent Voltage Output Temperature Coefficient
Quiescent Voltage Output
Temperature Coefficient2
TCQVO
TA = 150°C, TA = –40°C, calculated relative
to 25°C
0
mV/°C
Quiescent Voltage Output Drift
Through Temperature Range2,12,18
ΔVOUT(Q)TC
SENS_COARSE = 00, SENS_COARSE = 01,
or SENS_COARSE = 10, TA = 25°C to 150°C
–10
10
mV
SENS_COARSE = 11, TA = 25°C to 150°C
–15
15
mV
TA = –40°C to 25°C
–30
30
mV
Average Quiescent Voltage
Output Temperature Compensation
Step Size
StepQVOTC
2.3
mV
Lock Bit Programming
EEPROM Lock Bit
EELOCK
1
bit
Error Components
Linearity Sensitivity Error2,19
LinERR
–1
< ±0.25
1
%
Symmetry Sensitivity Error2
SymERR
–0.5
< ±0.25
0.5
%
Ratiometry Quiescent Voltage Output
Error2,20
RatERRVOUT(Q) Relative to VCC = 5 V ±5%
–0.3
0
0.3
%
Ratiometry Sensitivity Error2,20
RatERRSens Relative to VCC = 5 V ±5%
–1
< ±0.5
1
%
Ratiometry Clamp Error2,21
RatERRCLP TA = 25ºC, Relative to VCC = 5 V ±5%
< ±1
%
Sensitivity Drift Due to Package
Hysteresis2
ΔSensPKG
TA = 25°C, after temperature cycling, 25°C to
150°C and back to 25°C
-1.25
±1.25
%
Sensitivity Drift Over Lifetime22
ΔSensLIFE
TA = 25°C, shift after AEC Q100 grade 0
qualification testing
±1%
%
1
1 G (gauss) = 0.1 mT (millitesla).
2
See Characteristic Definitions section.
3
fC varies up to approximately ±5% over the full operating ambient temperature range, TA.
4
If the programmed Fault Switchpoint exceeds the clamp voltage, Fault operation will have priority over clamp operation.
5
Sens, VOUT(Q), VCLP(LOW), and VCLP(HIGH) scale with VCC due to ratiometry.
6
Noise, measured in mVPP and in mVRMS, is dependent on the sensitivity of the device.
7
Output stability is maintained for capacitive loads as large as 10 nF.
8
High-to-low transition of output voltage is a function of external load components and device sensitivity.
9
Fault Switchpoint and Fault Hysteresis are ratiometric.
10
Refer to Fault Characteristics section for the impact of load circuit and different Fault switchpoint settings on Transient Fault
Response Time.
11
Raw device characteristic values before any programming.
12
Exceeding the specified ranges will cause sensitivity and Quiescent Voltage Output drift through the temperature range to deteriorate beyond the specified values.
13
Refer to Functional Description section.
14
Step size is larger than required, in order to provide for manufacturing spread. See Characteristic Definitions section.
15
Non-ideal behavior in the programming DAC can cause the step size at each significant bit rollover code to be greater than twice the maximum specified value of
StepVOUT(Q) or StepSENS.
16
Overall programming value accuracy. See Characteristic Definitions section.
17
Each A1365 part number is factory-programmed and temperature compensated at a different coarse sensitivity setting. Changing coarse bits setting could cause sensitiv-
ity drift through temperature range ,ΔSensTC, to exceed specified limits.
18
Allegro will be testing and temperature compensating each device at 150°C. Allegro will not be testing devices at –40°C. Temperature compensation codes will be applied
based on characterization data.
19
Linearity applies to output voltage ranges of ±2 V from the quiescent output for bidirectional devices.
20
Percent change from actual value at VCC = 5 V, for a given temperature, through the supply voltage operating range.
21
Percent change from actual value at VCC = 5 V, TA = 25°C, through the supply voltage operating range.
22
Based on characterization data obtained during standardized stress test for Qualification of Integrated Circuits. Cannot be guaranteed. Drift is a function of customer ap-
plication conditions. Contact Allegro MicroSystems for further information.
23
Includes sensitivity drift due to package hysteresis after exposing the sensor to a temperature of 150ºC for 60 seconds during test.
OPERATING CHARACTERISTICS (continued): valid through the full operating temperature range, TA, CBYPASS = 0.1 µF,
and VCC = 5 V, unless otherwise specified


Similar Part No. - A1365LKTTN-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1365LKTTN-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1367 ALLEGRO-A1367 Datasheet
845Kb / 27P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com