Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1366LKTTN-1-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1366LKTTN-1-T
Description  Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1366LKTTN-1-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1366LKTTN-1-T Datasheet HTML 1Page - Allegro MicroSystems A1366LKTTN-1-T Datasheet HTML 2Page - Allegro MicroSystems A1366LKTTN-1-T Datasheet HTML 3Page - Allegro MicroSystems A1366LKTTN-1-T Datasheet HTML 4Page - Allegro MicroSystems A1366LKTTN-1-T Datasheet HTML 5Page - Allegro MicroSystems A1366LKTTN-1-T Datasheet HTML 6Page - Allegro MicroSystems A1366LKTTN-1-T Datasheet HTML 7Page - Allegro MicroSystems A1366LKTTN-1-T Datasheet HTML 8Page - Allegro MicroSystems A1366LKTTN-1-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Low Noise, High Precision, Factory-Programmed
Linear Hall Effect Sensor IC with Advanced Temperature Compensation
And High Bandwidth (120 kHz) Analog Output
A1366
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
6
V
Reverse Supply Voltage
VRCC
–0.1
V
Forward Output Voltage
VOUT
25
V
Reverse Output Voltage
VROUT
–0.1
V
Output Source Current
IOUT(source)
VOUT to GND
10
mA
Output Sink Current
IOUT(sink)
VCC to VOUT
10
mA
Operating Ambient Temperature
TA
L temperature range
–40 to 150
ºC
Storage Temperature
Tstg
–65 to 165
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Terminal List Table
Number
Name
Function
1
VCC
Input power supply, use bypass capacitor to connect to ground
2
VOUT
Output signal
3
NC
No connection; connect to GND for optimal ESD performance
4
GND
Ground
2 3 4
1
Pin-out Diagram
(Ejector pin mark on
opposite side)


Similar Part No. - A1366LKTTN-1-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1366LKTTN-1-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1359 ALLEGRO-A1359 Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1365 ALLEGRO-A1365 Datasheet
996Kb / 32P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1367 ALLEGRO-A1367 Datasheet
845Kb / 27P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
logo
Melexis Microelectronic...
MLX90290 MELEXIS-MLX90290 Datasheet
338Kb / 14P
   High Speed Programmed Linear Hall IC
logo
Allegro MicroSystems
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
A1359 ALLEGRO-A1359_16 Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com