Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1367LKTTN-2-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A1367LKTTN-2-T
Description  Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1367LKTTN-2-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1367LKTTN-2-T Datasheet HTML 1Page - Allegro MicroSystems A1367LKTTN-2-T Datasheet HTML 2Page - Allegro MicroSystems A1367LKTTN-2-T Datasheet HTML 3Page - Allegro MicroSystems A1367LKTTN-2-T Datasheet HTML 4Page - Allegro MicroSystems A1367LKTTN-2-T Datasheet HTML 5Page - Allegro MicroSystems A1367LKTTN-2-T Datasheet HTML 6Page - Allegro MicroSystems A1367LKTTN-2-T Datasheet HTML 7Page - Allegro MicroSystems A1367LKTTN-2-T Datasheet HTML 8Page - Allegro MicroSystems A1367LKTTN-2-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
with Regulated Supply, Advanced Temperature Compensation,
and High-Bandwidth (240 kHz) Analog Output
A1367
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The sensor IC incorporates a highly sensitive Hall element with
a BiCMOS interface integrated circuit that employs a low-noise
small-signal high-gain amplifier, a clamped low-impedance output
stage,andaproprietary,high-bandwidthdynamicoffsetcancellation
technique. These advances in Hall-effect technology work together
to provide an industry-leading sensing resolution at the full 240 kHz
bandwidth. Broken ground wire detection as well as user-selectable
outputvoltageclampsalsoarebuiltintothisdeviceforhighreliability
in automotive applications.
Device parameters are specified across an extended ambient
temperaturerange:–40°Cto150°C.TheA1367sensorICisprovided
in an extremely thin case (1 mm thick), 4-pin SIP (single in-line
package, suffix KT) that is lead (Pb) free, with 100% matte-tin
leadframe plating.
• Patented circuits suppress IC output spiking during fast current
step inputs
• Open circuit detection on ground pin (broken wire)
• Selectable sensitivity range between 0.6 and 6.4 mV/G
through use of coarse sensitivity program bits
• User-selectable ratiometric behavior of sensitivity, quiescent
voltage, and clamps (ratiometry can be disabled), for simple
interface with application A-to-D converter (ADC)
• Precise recoverability after temperature cycling
• Output voltage clamps provide short-circuit diagnostic
capabilities
• Wide ambient temperature range: –40°C to 150°C
• Immune to mechanical stress
• Extremely thin package: 1 mm case thickness
• AEC-Q100 automotive qualified
FEATURES AND BENEFITS (CONTINUED)
Selection Guide
Part Number
Package
Packing1
Sensitivity Range2
(mV/G)
A1367LKTTN-1-T
4-pin SIP
4000 pieces per 13-in. reel
SENS_COARSE 00: 0.6 to 1.3
A1367LKTTN-2-T
4-pin SIP
4000 pieces per 13-in. reel
SENS_COARSE 01: 1.3 to 2.9
A1367LKTTN-2U-T
4-pin SIP
4000 pieces per 13-in. reel
SENS_COARSE 01: 1.3 to 2.9
A1367LKTTN-5-T
4-pin SIP
4000 pieces per 13-in. reel
SENS_COARSE 10: 2.9 to 6.4
1
Contact Allegro for additional packing options
2
Allegro recommends against changing Coarse Sensitivity settings when programming devices that will be used in production. Each A1367
has been factory temperature compensated at a specific sensitivity range, and changing the coarse bits setting could cause sensitivity drift
through temperature range (ΔSensTC) to exceed specified limits.
DESCRIPTION (CONTINUED)
Specifications
3
Absolute Maximum Ratings
3
Thermal Characteristics
3
Pinout Diagram and Terminal List Table
4
Operating Characteristics
5
Characteristic Performance Data
8
Characteristic Definitions
11
Functional Description
16
Programming Sensitivity and Quiescent
Voltage Output
16
Coarse Sensitivity
16
Memory-Locking Mechanisms
16
Power-On Reset (POR) Operation
17
Detecting Broken Ground Wire
18
Chopper Stabilization Technique
19
Programming Guidelines
20
Serial Communication
20
Writing Access Code
22
Writing to Volatile Memory
22
Writing to Nonvolatile Memory
22
Reading from EEPROM or Volatile Memory
22
Enabling/Disabling Ratiometry
24
EEPROM Cell Organization
24
Diagnostic Clamps
25
EEPROM Error Checking and Correction (ECC)
25
Detecting ECC Error
25
Package Outline Drawing
26
Table of Contents


Similar Part No. - A1367LKTTN-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1367LKTTN-2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1365 ALLEGRO-A1365 Datasheet
996Kb / 32P
   Low-Noise, High-Precision, Programmable Linear Hall-Effect Sensor IC
A1363LU ALLEGRO-A1363LU Datasheet
2Mb / 29P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1366 ALLEGRO-A1366 Datasheet
976Kb / 22P
   Low Noise, High Precision, Factory-Programmed Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
logo
Allegro MicroSystems
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
   Highly Programmable Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com