Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1369EUA-24-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1369EUA-24-T
Description  Customer Programmable Linear Hall-Effect Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1369EUA-24-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1369EUA-24-T Datasheet HTML 5Page - Allegro MicroSystems A1369EUA-24-T Datasheet HTML 6Page - Allegro MicroSystems A1369EUA-24-T Datasheet HTML 7Page - Allegro MicroSystems A1369EUA-24-T Datasheet HTML 8Page - Allegro MicroSystems A1369EUA-24-T Datasheet HTML 9Page - Allegro MicroSystems A1369EUA-24-T Datasheet HTML 10Page - Allegro MicroSystems A1369EUA-24-T Datasheet HTML 11Page - Allegro MicroSystems A1369EUA-24-T Datasheet HTML 12Page - Allegro MicroSystems A1369EUA-24-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Customer Programmable Linear Hall-Effect Sensor
Optimized for Use in Current Sensing Applications
A1369
The output voltage clamps, VCLP(HIGH) and VCLP(LOW), limit the
operating magnetic range of the applied field in which the device
provides a linear output. The maximum positive and negative
applied magnetic fields in the operating range can be calculated:
|B
|–
MAX(+)
|B
|–
MAX(–)
V– V
CLP,HIGH
OUT(Q)
V– V
OUT(Q)
CLP,LOW
Sens
Sens
Symmetry Sensitivity Error. The magnetic sensitivity of a
device is constant for any two applied magnetic fields of equal
magnitude and opposite polarities.
Symmetry error, SymERR (%), is measured and defined as:
Sym
=
ERR
Sens
(B+)
Sens
(B–)
× 100%
(
)
1–
where
Sens =
Bx
|V
–V
|
OUT(BX)
OUT(Q)
B
x
(
)
and B+, B- are positive and negative magnetic fields such that
|B+| = |B-|.
Ratiometry Error. The A1369 provides a ratiometric output.
This means that the quiescent voltage output, VOUT(Q), magnetic
sensitivity, Sens, and clamp voltage, VCLP(HIGH) and VCLP(LOW),
are proportional to the supply voltage, VCC. In other words, when
the supply voltage increases or decreases by a certain percent-
age, each characteristic also increases or decreases by the same
percentage. Error is the difference between the measured change
in the supply voltage relative to 5 V, and the measured change in
each characteristic.
The ratiometric error in quiescent voltage output, RatVOUT(Q)
(%), for a given supply voltage, VCC, is defined as:
RAT=
ERRVOUT(Q)
V/ V
OUTO(VCC)
OUTO(5 V)
V
/5 V
CC
× 100%
(
)
1–
The ratiometric error in magnetic sensitivity, RatSens (%), for a
given supply voltage, VCC, is defined as:
RAT=
ERRSens
Sens
/ Sens
(VCC)
(5 V)
V
/5 V
CC
× 100%
(
)
1–
The ratiometric error in the clamp voltages, RatVOUTCLP (%), for
a given supply voltage, VCC, is defined as:
RAT=
VOUTCLP
V/ V
CLP(VCC)
CLP(5 V)
V
/5 V
CC
× 100%
(
)
1–
where VCLP is either VCLP(HIGH) or VCLP(LOW).
Undervoltage Lockout. The A1369 features an undervoltage
lockout feature that ensures that the device will output a valid sig-
nal when VCC is above certain threshold VUVLOHI, and remains
valid until VCC falls below a lower threshold, VUVLOLOW. The
undervoltage lockout feature provides a hysteresis of operation to
eliminate indeterminate output states.
The output of the A1369 is held low (GND) until VCC exceeds
VUVLOHI. Once VCC exceeds VUVLOHI, the device powers
up, and the output will provide a ratiometric output voltage
proportional to the input magnetic signal, and VCC. If VCC
should drop back down below VUVLOLOW for more than tuvlo
after the device is powered up, the output will be pulled low.
V
CC
V
UVLOHI
V
UVLOLOW
V
OUT
Figure 4: UVLO Operation


Similar Part No. - A1369EUA-24-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
A1363 ALLEGRO-A1363 Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-1-T ALLEGRO-A1363LKTTN-1-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
A1363LKTTN-10-T ALLEGRO-A1363LKTTN-10-T Datasheet
1Mb / 30P
   Low Noise, High Precision, Programmable Linear Hall Effect Sensor IC
More results

Similar Description - A1369EUA-24-T

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com