Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1389LLHLX-9-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1389LLHLX-9-T
Description  Linear Hall-Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1389LLHLX-9-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1389LLHLX-9-T Datasheet HTML 4Page - Allegro MicroSystems A1389LLHLX-9-T Datasheet HTML 5Page - Allegro MicroSystems A1389LLHLX-9-T Datasheet HTML 6Page - Allegro MicroSystems A1389LLHLX-9-T Datasheet HTML 7Page - Allegro MicroSystems A1389LLHLX-9-T Datasheet HTML 8Page - Allegro MicroSystems A1389LLHLX-9-T Datasheet HTML 9Page - Allegro MicroSystems A1389LLHLX-9-T Datasheet HTML 10Page - Allegro MicroSystems A1389LLHLX-9-T Datasheet HTML 11Page - Allegro MicroSystems A1389LLHLX-9-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Linear Hall-Effect Sensor ICs with Analog Output
Available in a Miniature, Low Profile Surface Mount Package
A1388 and
A1389
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
A1388
A1389
VOUT
GND
0.1
5 V
µF
RL
VCC
4.7 nF
Application Information
Figure 5. Typical Application Circuit
Figure 6. Chopper Stabilization Technique
Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed across
the Hall element. This voltage is disproportionally small relative
to the offset that can be produced at the output of the Hall sensor
IC. This makes it difficult to process the signal while maintain-
ing an accurate, reliable output over the specified operating
temperature and voltage ranges. Chopper stabilization is a unique
approach used to minimize Hall offset on the chip. Allegro
employs a patented technique to remove key sources of the out-
put drift induced by thermal and mechanical stresses. This offset
reduction technique is based on a signal modulation-demodula-
tion process. The undesired offset signal is separated from the
magnetic field-induced signal in the frequency domain, through
modulation. The subsequent demodulation acts as a modulation
process for the offset, causing the magnetic field-induced signal
to recover its original spectrum at base band, while the DC offset
becomes a high-frequency signal. The magnetic-sourced signal
then can pass through a low-pass filter, while the modulated DC
offset is suppressed. In addition to the removal of the thermal and
mechanical stress related offset, this novel technique also reduces
the amount of thermal noise in the Hall sensor IC while com-
pletely removing the modulated residue resulting from the chop-
per operation. The chopper stabilization technique uses a high
frequency sampling clock. For demodulation process, a sample
and hold technique is used. This high-frequency operation allows
a greater sampling rate, which results in higher accuracy and
faster signal-processing capability. This approach desensitizes
the chip to the effects of thermal and mechanical stresses, and
produces devices that have extremely stable quiescent Hall output
voltages and precise recoverability after temperature cycling.
This technique is made possible through the use of a BiCMOS
process, which allows the use of low-offset, low-noise amplifiers
in combination with high-density logic integration and sample-
and-hold circuits.
Amp
Regulator
Clock/Logic
Hall Element
Tuned
Filter
Anti-aliasing
LP Filter


Similar Part No. - A1389LLHLX-9-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1381ELHLT-T ALLEGRO-A1381ELHLT-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUA-T ALLEGRO-A1381EUA-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUATI-T ALLEGRO-A1381EUATI-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
More results

Similar Description - A1389LLHLX-9-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
   Linear Hall-Effect Sensor with PWM Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com