Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3211 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3211
Description  Micropower, Ultrasensitive Hall-Effect Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3211 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3211_16 Datasheet HTML 1Page - Allegro MicroSystems A3211_16 Datasheet HTML 2Page - Allegro MicroSystems A3211_16 Datasheet HTML 3Page - Allegro MicroSystems A3211_16 Datasheet HTML 4Page - Allegro MicroSystems A3211_16 Datasheet HTML 5Page - Allegro MicroSystems A3211_16 Datasheet HTML 6Page - Allegro MicroSystems A3211_16 Datasheet HTML 7Page - Allegro MicroSystems A3211_16 Datasheet HTML 8Page - Allegro MicroSystems A3211_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DFN (EH)
TheA3211andA3212integratedcircuitsareultrasensitive,pole
independent Hall-effect switches with latched digital output.
These devices are especially suited for operation in battery-
operated, hand-held equipment such as cellular and cordless
telephones, pagers, and palmtop computers. A 2.5 to 3.5 V
operation and a unique clocking scheme reduce the average
operating power requirements to less than 15 μW with a
2.75 V supply.
Unlike other Hall-effect switches, either a north or south pole
of sufficient strength will turn the output on in the A3212,
and in the absence of a magnetic field, the output is off. The
A3211 provides an inverted output.The polarity independence
and minimal power requirements allow these devices to easily
replace reed switches for superior reliability and ease of
manufacturing, while eliminating the requirement for signal
conditioning.
Improved stability is made possible through chopper
stabilization (dynamic offset cancellation), which reduces the
residualoffsetvoltagenormallycausedbydeviceovermolding,
temperature dependencies, and thermal stress.
This device includes on a single silicon chip a Hall-voltage
generator, small-signal amplifier, chopper stabilization, a
latch, and a MOSFET output. Advanced CMOS processing
is used to take advantage of low-voltage and low-power
3211-DS, Rev. 22
• AEC-Q100 automotive qualified
• Micropower operation
• Operation with north or south pole
• 2.5 to 3.5 V battery operation
• Chopper stabilized
□ Superior temperature stability
□ Extremely low switchpoint drift
□ Insensitive to physical stress
• High ESD protection
• Solid-state reliability
• Small size
• Easily manufacturable with magnet pole independence
Micropower, Ultrasensitive
Hall-Effect Switches
Packages:
Functional Block Diagram
Not to scale
A3211 and A3212
DFN (EL)
SOT23W (LH)
SIP (UA)
TIMING
LOGIC
Dwg. FH-020-5
GROUND
OUTPUT
SUPPLY
X
SWITCH
FEATURES AND BENEFITS
DESCRIPTION
Continued on next page....


Similar Part No. - A3211_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3211EEHLT-T ALLEGRO-A3211EEHLT-T Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3211EELLT-T ALLEGRO-A3211EELLT-T Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3211ELHLT-T ALLEGRO-A3211ELHLT-T Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
More results

Similar Description - A3211_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171 Datasheet
637Kb / 9P
   Micropower Ultrasensitive Hall Effect Switch
A1266 ALLEGRO-A1266 Datasheet
577Kb / 15P
   Micropower Ultrasensitive 3D Hall-Effect Switch
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com