Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3213 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3213
Description  Micropower Ultra-Sensitive Hall-Effect Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3213 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3213_16 Datasheet HTML 1Page - Allegro MicroSystems A3213_16 Datasheet HTML 2Page - Allegro MicroSystems A3213_16 Datasheet HTML 3Page - Allegro MicroSystems A3213_16 Datasheet HTML 4Page - Allegro MicroSystems A3213_16 Datasheet HTML 5Page - Allegro MicroSystems A3213_16 Datasheet HTML 6Page - Allegro MicroSystems A3213_16 Datasheet HTML 7Page - Allegro MicroSystems A3213_16 Datasheet HTML 8Page - Allegro MicroSystems A3213_16 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Not to scale
The A3213 and A3214 integrated circuits are ultra-sensitive,
pole-independent Hall-effect switches with a latched digital
output. They are especially suited for operation in battery-
operated, hand-held equipment such as cell and cordless
telephones and palmtop computers. A 2.4 to 5.5 V operation
and a unique clocking scheme reduce the average operating
power requirements: the A3213 to 825 µW, the A3214 to
14 µW (typical, at 2.75 V). Except for operating duty cycle
and average operating current, the A3213 and A3214 are
identical.
Unlike other Hall-effect switches, either a north or south
pole of sufficient strength will turn the output on; in the
absence of a magnetic field, the output is off. The polarity
independence and minimal power requirement allows these
devices to easily replace reed switches for superior reliabil-
ity and ease of manufacturing, while eliminating the require-
ment for signal conditioning.
Improved stability is made possible through chopper sta-
bilization (dynamic offset cancellation), which reduces the
residual offset voltage normally caused by device overmold-
ing, temperature dependencies, and thermal stress.
27622.62-DS Rev. 27
• AEC-Q100 automotive qualified
• Micropower operation
• Operate with north or south pole
• 2.4 to 5.5 V battery operation
• Chopper stabilized
□ Superior temperature stability
□ Extremely low switchpoint drift
□ Insensitive to physical stress
• High ESD protection
• Solid-state reliability
• Small size
• Easily assembly into applications due to magnetic pole
independence
Micropower Ultra-Sensitive Hall-Effect Switches
Continued on the next page…
Packages:
Functional Block Diagram
A3213 and A3214
3 pin surface mount
SOT23-W (suffix LH)
3 lead ultramini SIP
(suffix UA)
TIMING
LOGIC
Dwg. FH-020-5
GROUND
OUTPUT
SUPPLY
X
SWITCH
FEATURES AND BENEFITS
DESCRIPTION


Similar Part No. - A3213_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3213ELHLT ALLEGRO-A3213ELHLT Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213ELHLT-T ALLEGRO-A3213ELHLT-T Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213EUA ALLEGRO-A3213EUA Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213EUA-T ALLEGRO-A3213EUA-T Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213LLHLT ALLEGRO-A3213LLHLT Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
More results

Similar Description - A3213_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com