Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3213ELHLX-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3213ELHLX-T
Description  Micropower Ultra-Sensitive Hall-Effect Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3213ELHLX-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3213ELHLX-T Datasheet HTML 3Page - Allegro MicroSystems A3213ELHLX-T Datasheet HTML 4Page - Allegro MicroSystems A3213ELHLX-T Datasheet HTML 5Page - Allegro MicroSystems A3213ELHLX-T Datasheet HTML 6Page - Allegro MicroSystems A3213ELHLX-T Datasheet HTML 7Page - Allegro MicroSystems A3213ELHLX-T Datasheet HTML 8Page - Allegro MicroSystems A3213ELHLX-T Datasheet HTML 9Page - Allegro MicroSystems A3213ELHLX-T Datasheet HTML 10Page - Allegro MicroSystems A3213ELHLX-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micropower Ultra-Sensitive Hall-Effect Switches
A3213 and
A3214
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
FUNCTIONAL DESCRIPTION
Low Average Power
Internal timing circuitry activates the IC for 60 µs and deac-
tivates it for the remainder of the period (240 µs (typ) for the
A3213 and 60 ms (typ) for the A3214). A short "awake" time
allows for stabilization prior to the sampling and data latching
on the falling edge of the timing pulse. The output during the
"sleep" time is latched in the last sampled state. The supply cur-
rent is not affected by the output state.
Chopper-Stabilized Technique
The Hall element can be considered as a resistor array similar to
a Wheatstone bridge. A large portion of the offset is a result of
the mismatching of these resistors. These devices use a propri-
etary dynamic offset cancellation technique, with an internal
high-frequency clock to reduce the residual offset voltage of the
Hall element that is normally caused by device overmolding,
temperature dependencies, and thermal stress. The chopper-
stabilizing technique cancels the mismatching of the resistor
circuit by changing the direction of the current flowing through
the Hall plate using CMOS switches and Hall voltage measure-
ment taps, while maintaing the Hall-voltage signal that is induced
by the external magnetic flux. The signal is then captured by a
sample-and-hold circuit and further processed using low-offset
bipolar circuitry. This technique produces devices that have an
extremely stable quiescent Hall output voltage, are immune to
thermal stress, and have precise recoverability after temperature
cycling. This technique will also slightly degrade the device out-
put repeatability. A relatively high sampling frequency is used in
order that faster signals can be processed.
More detailed descriptions of the circuit operation can be found
in Technical Paper STP 97-10, Monolithic Magnetic Hall Sensing
Using Dynamic Quadrature Offset Cancellation and Technical
Paper STP 99-1, Chopper-Stabilized Amplifiers With A Track-
and-Hold Signal Demodulator.
Operation
The output of this device switches low (turns on) when a mag-
netic field perpendicular to the Hall element exceeds the operate
point BOPS (or is less than BOPN). After turn-on, the output is
capable of sinking up to 1 mA and the output voltage is VOUT(ON).
When the magnetic field is reduced below the release point BRPS
(or increased above BRPN), the device output switches high (turns
off). The difference in the magnetic operate and release points is
the hysteresis (Bhys) of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
As used here, negative flux densities are defined as less than zero
(algebraic convention) and -50 G is less than +10 G.
0
PERIOD
60 µs "AWAKE"
"SLEEP"
IDD(EN)
IDD(DIS)
SAMPLE &
OUTPUT LATCHED
Dwg. EH-012-1
X
+V
+V
HALL
VOLTAGE
B
+
Dwg. AH-011-2


Similar Part No. - A3213ELHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3213ELHLT ALLEGRO-A3213ELHLT Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213ELHLT-T ALLEGRO-A3213ELHLT-T Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
More results

Similar Description - A3213ELHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com