Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3901 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3901
Description  Dual Full Bridge Low Voltage Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3901 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3901_16 Datasheet HTML 3Page - Allegro MicroSystems A3901_16 Datasheet HTML 4Page - Allegro MicroSystems A3901_16 Datasheet HTML 5Page - Allegro MicroSystems A3901_16 Datasheet HTML 6Page - Allegro MicroSystems A3901_16 Datasheet HTML 7Page - Allegro MicroSystems A3901_16 Datasheet HTML 8Page - Allegro MicroSystems A3901_16 Datasheet HTML 9Page - Allegro MicroSystems A3901_16 Datasheet HTML 10Page - Allegro MicroSystems A3901_16 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Dual Full Bridge Low Voltage Motor Driver
A3901
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Device Operation.
The A3901 is a dual full-bridge
low voltage motor driver capable of operating one
stepper motor or up to two DC motors. MOSFET
output stages substantially reduce the voltage drop
and the power dissipation of the outputs of the A3901
compared to typical drivers with bipolar transistors.
Internal circuit protection includes thermal shutdown
with hysteresis, clamp diodes, and crossover current
protection.
The A3901 is designed for portable applications with a
power-off (Sleep mode) current of 50 nA typical, and
an operating voltage of 2.5 to 5.5 V. The A3901 logic
inputs are 3 to 5 V logic compatible.
Output current can be regulated by pulse width modu-
lating (PWM) the inputs. The full-bridge outputs
can be paralleled for higher-current applications (see
figure 6).
In conditions where the logic supply voltage drops
below 2.5 V, both the sink and the source RDS(on) will
increase beyond the specified values. In extreme cases,
no power will be delivered to the motor(s). However,
the device will not be damaged.
In stepping operation, the device can drive in either
full- or half-step mode. The stepping mode is set by
the signal pattern on the INx terminals, as shown in
the stepping timing diagrams.
External PWM.
Pulse width modulating the inputs
allows the output current to be regulated. Slow decay
mode is achieved by holding one input high while
PWMing the other input. Holding one input low and
PWMing the other input results in fast decay. See the
External PWM diagram.
Sleep Mode.
Pulling all inputs to 0.5 V or less, sends
the A3901 into Sleep mode, during which it draws
50 nA typical.
Thermal Shutdown.
The A3901 will disable the
outputs if the junction temperature reaches 165°C.
When thermal shutdown is entered, after the junction
temperature drops 15°C, the outputs will be re-en-
abled.
Brake Mode.
When driving DC motors, the A3901
will go into Brake mode (turn on both sink drivers)
when all inputs, INx, are logic 1. There is no protec-
tion during braking, so care must be taken to ensure
that the peak current during braking does not exceed
the absolute maximum current.


Similar Part No. - A3901_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A39015C0GL5 VISHAY-A39015C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
logo
Allegro MicroSystems
A3901SEJTR-T ALLEGRO-A3901SEJTR-T Datasheet
339Kb / 11P
   Dual Full Bridge Low Voltage Motor Driver
More results

Similar Description - A3901_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3901 ALLEGRO-A3901 Datasheet
339Kb / 11P
   Dual Full Bridge Low Voltage Motor Driver
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
   Dual Full Bridge Motor Driver
logo
Microchip Technology
MTS2916A MICROCHIP-MTS2916A Datasheet
387Kb / 20P
   Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
2998 ALLEGRO-2998 Datasheet
165Kb / 6P
   DUAL FULL-BRIDGE MOTOR DRIVER
logo
Microchip Technology
MTS62C19A MICROCHIP-MTS62C19A Datasheet
395Kb / 20P
   Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909_16 Datasheet
313Kb / 10P
   Dual Full Bridge Motor Driver
A1444EEWLT-P ALLEGRO-A1444EEWLT-P Datasheet
405Kb / 9P
   Low-Voltage Full-Bridge Brushless DC Motor Driver
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com