Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3291KLHLT-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3291KLHLT-T
Description  Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3291KLHLT-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3291KLHLT-T Datasheet HTML 2Page - Allegro MicroSystems A3291KLHLT-T Datasheet HTML 3Page - Allegro MicroSystems A3291KLHLT-T Datasheet HTML 4Page - Allegro MicroSystems A3291KLHLT-T Datasheet HTML 5Page - Allegro MicroSystems A3291KLHLT-T Datasheet HTML 6Page - Allegro MicroSystems A3291KLHLT-T Datasheet HTML 7Page - Allegro MicroSystems A3291KLHLT-T Datasheet HTML 8Page - Allegro MicroSystems A3291KLHLT-T Datasheet HTML 9Page - Allegro MicroSystems A3291KLHLT-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Chopper-Stabilized, Precision Hall-Effect Latches
for Consumer and Industrial Applications
A3290 and
A3291
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
APPLICATION INFORMATION
It is strongly recommended that an external bypass capacitor be
connected (in close proximity to the Hall element) between the
supply and ground of the device to reduce both external noise
and noise generated by the chopper stabilization technique. This
configuration is shown in Figure 4.
The simplest form of magnet that will operate these devices is a
ring magnet. Other methods of operation, such as linear magnets,
are possible.
The device must be operated below the maximum junction tem-
perature of the device (TJ(max)). Under certain combinations of
peak conditions, reliable operation may require derating supplied
power or improving the heat dissipation properties of the applica-
tion. The Package Thermal Resistance (RθJA) is a figure of merit
summarizing the ability of the application and the device to dissi-
pate heat from the junction (die), through all paths to the ambient
air. Its primary component is the Effective Thermal Conductivity
(K) of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case (RθJC) is
relatively small component of RθJA. Ambient air temperature
(TA) and air motion are significant external factors, damped by
overmolding. Sample power dissipation results are given in the
Thermal Characteristics section. Additional thermal data is also
available on the Allegro website.
Extensive applications information for Hall-effect devices is
available in: Hall-Effect IC Applications Guide, Application Note
27701 and Guidelines for Designing Subassemblies Using Hall-
Effect Devices, Application Note 27703.1
Figure 4: Typical Basic Application Circuit
A bypass capacitor is highly recommended.
VCC
A329x
VOUT
VCC
GND
0.1 uF


Similar Part No. - A3291KLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3291KLHLT-T ALLEGRO-A3291KLHLT-T Datasheet
245Kb / 8P
   Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
More results

Similar Description - A3291KLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3290 ALLEGRO-A3290 Datasheet
245Kb / 8P
   Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
APS12202 ALLEGRO-APS12202 Datasheet
2Mb / 12P
   Chopper-Stabilized, Precision Hall-Effect Latches for Automotive, Consumer, and Industrial Applications
March 15, 2023
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
logo
Infineon Technologies A...
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
logo
Allegro MicroSystems
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com