Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3906 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3906
Description  Low Voltage Stepper and Single/Dual DC Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3906 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3906_16 Datasheet HTML 2Page - Allegro MicroSystems A3906_16 Datasheet HTML 3Page - Allegro MicroSystems A3906_16 Datasheet HTML 4Page - Allegro MicroSystems A3906_16 Datasheet HTML 5Page - Allegro MicroSystems A3906_16 Datasheet HTML 6Page - Allegro MicroSystems A3906_16 Datasheet HTML 7Page - Allegro MicroSystems A3906_16 Datasheet HTML 8Page - Allegro MicroSystems A3906_16 Datasheet HTML 9Page - Allegro MicroSystems A3906_16 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Low Voltage Stepper and Single/Dual DC Motor Driver
A3906
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Parallel Operation
The A3906 can be paralleled for applica-
tions that require higher output currents. In paralleled mode the
driver can source 2 A continuous. The A3906 has two completely
independent bridges with separate overcurrent latches. This
allows the device to supply two separate loads, and as a result,
when paralleled it is imperative that the internal current control is
disabled by shorting the sense pins to ground.
Because the overcurrent trip threshold is internally fixed at 0.2 V,
the trace resistance must be kept small so the internal current
latch is not triggered prematurely. With acceptable margin, the
voltage drop across the trace resistance should be under 0.1 V. At
a peak current of 2.5 A, the trace resistance should be kept below
40 mΩ to prevent false tripping of the overcurrent latch.
Each bridge has some variation in propagation delay. During this
time it is possible that one bridge will have to support the full
load current for a very short period of time. Propagation delays
are characterized and guard banded to protect the driver from
damage during these events.
Layout
The printed circuit board should use a heavy ground-
plane. For optimum electrical and thermal performance, the
A3906 must be soldered directly onto the board. On the under-
side of the A3906 package is an exposed pad, which provides a
path for enhanced thermal dissipation. The thermal pad should be
soldered directly to an exposed surface on the PCB. Thermal vias
are used to transfer heat to other layers of the PCB.
Grounding
In order to minimize the effects of ground bounce
and offset issues, it is important to have a low impedance single-
point ground, known as a star ground, located very close to the
device. By making the connection between the exposed thermal
pad and the ground plane directly under the A3906, that area
DC Motor Operation (Parallel Bridge)
IN1/IN3
IN2/IN4
OUT1A/2A
OUT1B/2B
Function
0
0
OFF
OFF
Disabled
1
0
H
L
FOR
0
1
L
H
REV
1
1
L
L
BRAKE
OUT1A
OUT1B
OUT2A
OUT2B
VBB
GND
IN1
IN2
IN3
10 μF
10 V
IN4
SENSE2
SENSE1
FL1
FL2
0.1 μF
0.1 μF
A3906
0.1 μF
SLEEP


Similar Part No. - A3906_16

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3906-0000T 3M-A3906-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-0010T 3M-A3906-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-2000T 3M-A3906-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-2010T 3M-A3906-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3906SES-T ALLEGRO-A3906SES-T Datasheet
319Kb / 10P
   Low Voltage Stepper and Single/Dual DC Motor Driver
More results

Similar Description - A3906_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3906 ALLEGRO-A3906 Datasheet
319Kb / 10P
   Low Voltage Stepper and Single/Dual DC Motor Driver
logo
STMicroelectronics
STSPIN220 STMICROELECTRONICS-STSPIN220 Datasheet
902Kb / 27P
   Low voltage stepper motor driver
Rev 4 - March 2019
logo
Texas Instruments
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
DRV8834 TI-DRV8834 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
logo
TRINAMIC Motion Control...
TMC2300 TRINAMIC-TMC2300 Datasheet
537Kb / 1P
   TMC2300 low voltage stepper motor driver
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com