Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3291KUA-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3291KUA-T
Description  Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3291KUA-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3291KUA-T Datasheet HTML 2Page - Allegro MicroSystems A3291KUA-T Datasheet HTML 3Page - Allegro MicroSystems A3291KUA-T Datasheet HTML 4Page - Allegro MicroSystems A3291KUA-T Datasheet HTML 5Page - Allegro MicroSystems A3291KUA-T Datasheet HTML 6Page - Allegro MicroSystems A3291KUA-T Datasheet HTML 7Page - Allegro MicroSystems A3291KUA-T Datasheet HTML 8Page - Allegro MicroSystems A3291KUA-T Datasheet HTML 9Page - Allegro MicroSystems A3291KUA-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Chopper-Stabilized, Precision Hall-Effect Latches
for Consumer and Industrial Applications
A3290 and
A3291
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 5: Package LH, 3-Pin SOT23W
A
B
C
D
C
For Reference Only – Not for Tooling Use
(Reference DWG-2840)
Dimensions in millimeters– NOTTO SCALE
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Reference land pattern layout; all pads a minimum of 0.20 mm from all adjacent pads;
adjust as necessary to meet application process requirements and PCB layout tolerances
Active Area Depth, 0.28 mm
Hall elements, not to scale
=Temperature Code (Letter)
T
Standard Branding Reference View
NNT
Branding scale and appearance at supplier discretion
Seating Plane
Gauge Plane
PCB Layout Reference View
0.55 REF
0.25 BSC
0.95 BSC
0.95
1.00
0.70
2.40
2
1
B
A
Branded Face
2.90
+0.10
–0.20
4° ±4°
8X 10°
REF
0.180
+0.020
–0.053
0.05
+0.10
–0.05
0.25 MIN
1.91
+0.19
–0.06
2.98 +0.12
–0.08
1.00 ±0.13
0.40 ±0.10
D
D
D
1.49
0.96
3
= Last three digits of device part number
N
NNN
= Last three digits of device part number
N
CUSTOMER PACKAGE DRAWINGS


Similar Part No. - A3291KUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3291KUA-T ALLEGRO-A3291KUA-T Datasheet
245Kb / 8P
   Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
More results

Similar Description - A3291KUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3290 ALLEGRO-A3290 Datasheet
245Kb / 8P
   Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
APS12202 ALLEGRO-APS12202 Datasheet
2Mb / 12P
   Chopper-Stabilized, Precision Hall-Effect Latches for Automotive, Consumer, and Industrial Applications
March 15, 2023
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
logo
Infineon Technologies A...
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
logo
Allegro MicroSystems
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com