Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3907 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3907
Description  Low Voltage Voice Coil Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3907 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3907_16 Datasheet HTML 3Page - Allegro MicroSystems A3907_16 Datasheet HTML 4Page - Allegro MicroSystems A3907_16 Datasheet HTML 5Page - Allegro MicroSystems A3907_16 Datasheet HTML 6Page - Allegro MicroSystems A3907_16 Datasheet HTML 7Page - Allegro MicroSystems A3907_16 Datasheet HTML 8Page - Allegro MicroSystems A3907_16 Datasheet HTML 9Page - Allegro MicroSystems A3907_16 Datasheet HTML 10Page - Allegro MicroSystems A3907_16 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Low Voltage Voice Coil Motor Driver
A3907
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
SEATING
PLANE
C
B
A
0.500±0.050
0.965±0.020
1.465±0.020
0.500
1.000
0.500
1.000
0.500
0.500
0.233
0.233
X 0.200±0.030
C
0.05
6X
0.10 M
0.05 M
C A B
C
2
1
1
2
CB
A
1
2
CB
A
CB
A
A
B
C
Die orientation mark
All dimensions nominal, not for tooling use
Dimensions in millimeters
Exact configuration at supplier discretion within limits shown
A
X
17
PCB Layout Reference View
Reference view of typical layout for solder pads
All pads a minimum of 0.20 mm from all adjacent pads;
adjust as necessary to meet application process
requirements and PCB layout tolerances
B
C
Terminal #A1 mark area
CG Package, 6-Ball WLCSP


Similar Part No. - A3907_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907 Datasheet
361Kb / 11P
   Low Voltage Voice Coil Motor Driver
More results

Similar Description - A3907_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3904 ALLEGRO-A3904 Datasheet
191Kb / 7P
   Low Voltage Voice Coil Motor Driver
A3904 ALLEGRO-A3904 Datasheet
257Kb / 7P
   Low Voltage Voice Coil Motor Driver
A3907 ALLEGRO-A3907 Datasheet
361Kb / 11P
   Low Voltage Voice Coil Motor Driver
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
logo
STMicroelectronics
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
   VOICE COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com