Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3909GLYTR-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3909GLYTR-T
Description  Dual Full Bridge Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3909GLYTR-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3909GLYTR-T Datasheet HTML 2Page - Allegro MicroSystems A3909GLYTR-T Datasheet HTML 3Page - Allegro MicroSystems A3909GLYTR-T Datasheet HTML 4Page - Allegro MicroSystems A3909GLYTR-T Datasheet HTML 5Page - Allegro MicroSystems A3909GLYTR-T Datasheet HTML 6Page - Allegro MicroSystems A3909GLYTR-T Datasheet HTML 7Page - Allegro MicroSystems A3909GLYTR-T Datasheet HTML 8Page - Allegro MicroSystems A3909GLYTR-T Datasheet HTML 9Page - Allegro MicroSystems A3909GLYTR-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Dual Full Bridge Motor Driver
A3909
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LY, 10-Pin MSOP
With Exposed Thermal Pad
Terminal #1 mark area
A
Gauge Plane
Seating Plane
0.86 ±0.05
SEATING
PLANE
0.50
REF
0.25
2
1
10
2
1
10
A
B
C
C
0.53 ±0.10
0.15 ±0.05
0.05
0.15
0° to 6°
3.00 ±0.10
3.00 ±0.10
4.88 ±0.20
1.73
4.60
1.98
1.98 MIN
1.73
2
1
10
1
0.30
0.50
1.65
0.27
0.18
For Reference Only; not for tooling use (reference JEDEC MO-187BA-T)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
B
Exposed thermal pad (bottom surface)
Reference land pattern layout (reference IPC7351 SOP50P490X110-11M)
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances; when
mounting on a multilayer PCB, thermal vias at the exposed thermal pad land
can improve thermal dissipation (reference EIA/JEDEC Standard JESD51-5)


Similar Part No. - A3909GLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
   Dual Full Bridge Motor Driver
More results

Similar Description - A3909GLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3909 ALLEGRO-A3909 Datasheet
267Kb / 10P
   Dual Full Bridge Motor Driver
logo
Microchip Technology
MTS2916A MICROCHIP-MTS2916A Datasheet
387Kb / 20P
   Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
2998 ALLEGRO-2998 Datasheet
165Kb / 6P
   DUAL FULL-BRIDGE MOTOR DRIVER
logo
Microchip Technology
MTS62C19A MICROCHIP-MTS62C19A Datasheet
395Kb / 20P
   Dual Full-Bridge Motor Driver
11/29/12 2010-2013
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com