Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3244DDWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3244DDWR
Description  40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3244DDWR Datasheet(HTML) 4 Page - Texas Instruments

  TPA3244DDWR Datasheet HTML 1Page - Texas Instruments TPA3244DDWR Datasheet HTML 2Page - Texas Instruments TPA3244DDWR Datasheet HTML 3Page - Texas Instruments TPA3244DDWR Datasheet HTML 4Page - Texas Instruments TPA3244DDWR Datasheet HTML 5Page - Texas Instruments TPA3244DDWR Datasheet HTML 6Page - Texas Instruments TPA3244DDWR Datasheet HTML 7Page - Texas Instruments TPA3244DDWR Datasheet HTML 8Page - Texas Instruments TPA3244DDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
TPA3244
SLASEC6 – APRIL 2016
www.ti.com
Product Folder Links: TPA3244
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AVDD
9
P
Internal voltage regulator, analog section
BST_A
23
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_A required.
BST_B
24
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_B required.
BST_C
43
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_C required.
BST_D
44
P
HS bootstrap supply (BST), external 0.033
μF capacitor to OUT_D required.
CLIP_OTW
2
O
Clipping warning and Over-temperature warning; open drain; active low
C_START
8
O
Startup ramp, requires a charging capacitor to GND
DVDD
12
P
Internal voltage regulator, digital section
FAULT
4
O
Shutdown signal, open drain; active low
FREQ_ADJ
15
O
Oscillator frequency programming pin
GND
10, 11, 25, 26,
33, 34, 41, 42
P
Ground
GVDD_AB
22
P
Gate-drive voltage supply; AB-side, requires 0.1 µF capacitor to GND
GVDD_CD
1
P
Gate-drive voltage supply; CD-side, requires 0.1 µF capacitor to GND
INPUT_A
17
I
Input signal for half bridge A
INPUT_B
18
I
Input signal for half bridge B
INPUT_C
7
I
Input signal for half bridge C
INPUT_D
6
I
Input signal for half bridge D
M1
20
I
Mode selection 1 (LSB)
M2
19
I
Mode selection 2 (MSB)
OC_ADJ
16
I/O
Over-Current threshold programming pin
OSC_IOM
14
I/O
Oscillator synchronization interface
OSC_IOP
13
O
Oscillator synchronization interface
OUT_A
27, 28
O
Output, half bridge A
OUT_B
32
O
Output, half bridge B
OUT_C
35
O
Output, half bridge C
OUT_D
39, 40
O
Output, half bridge D
PVDD_AB
29, 30, 31
P
PVDD supply for half-bridge A and B
PVDD_CD
36, 37, 38
P
PVDD supply for half-bridge C and D
RESET
5
I
Device reset Input; active low
VDD
21
P
Power supply for internal voltage regulator requires a 10-µF capacitor with a 0.1-µF capacitor to GND for decoupling.
VBG
3
P
Internal voltage reference requires a 0.1-µF capacitor to GND for decoupling.
PowerPAD™
P
Ground, connect to PCB copper pour. Placed on bottom side of device.
Table 2. Mode Selection Pins
MODE PINS
INPUT MODE
OUTPUT
CONFIGURATION
DESCRIPTION
M2
M1
0
0
2N + 1
2 × BTL
Stereo BTL output configuration
0
1
2N/1N + 1
1 x BTL + 2 x SE
2.1 BTL + SE mode
1
0
2N + 1
1 x PBTL
Parallelled BTL configuration. Connect INPUT_C and INPUT_D to GND.
1
1
1N +1
4 x SE
Single ended output configuration
7 Detailed Description
7.1 Overview
To facilitate system design, the TPA3244 needs only a 12-V supply in addition to the (typical) 32-V power-stage
supply. An internal voltage regulator provides suitable voltage levels for the digital and low-voltage analog
circuitry, AVDD and DVDD. Additionally, all circuitry requiring a floating voltage supply, that is, the high-side gate
drive, is accommodated by built-in bootstrap circuitry requiring only an external capacitor for each half-bridge.


Similar Part No. - TPA3244DDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3244D2DDW TI1-TPA3244D2DDW Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244D2DDWR TI1-TPA3244D2DDWR Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

Similar Description - TPA3244DDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com