Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1E10B09 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPD1E10B09
Description  Single-Channel ESD Protection Device in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B09 Datasheet(HTML) 3 Page - Texas Instruments

  TPD1E10B09_15 Datasheet HTML 1Page - Texas Instruments TPD1E10B09_15 Datasheet HTML 2Page - Texas Instruments TPD1E10B09_15 Datasheet HTML 3Page - Texas Instruments TPD1E10B09_15 Datasheet HTML 4Page - Texas Instruments TPD1E10B09_15 Datasheet HTML 5Page - Texas Instruments TPD1E10B09_15 Datasheet HTML 6Page - Texas Instruments TPD1E10B09_15 Datasheet HTML 7Page - Texas Instruments TPD1E10B09_15 Datasheet HTML 8Page - Texas Instruments TPD1E10B09_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
2
TPD1E10B09
www.ti.com
SLLSEB0D – FEBRUARY 2012 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
DPY Package
2-Pin X1SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
1
I/O
ESD protected I/O
2
6 Specifications
6.1 Absolute Maximum Ratings
MIN
MAX
UNIT
Operating temperature
–40
125
°C
IPP
Peak pulse current (tp = 8/20 µs)
4.5
A
PPP
Peak pulse power (tp = 8/20 µs)
90
W
Tstg
Storage temperature
–65
155
°C
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
V(ESD)
Electrostatic discharge
V
IEC 61000-4-2 Contact Discharge
20000
IEC 61000-4-2 Air-Gap Discharge
20000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating free-air temperature, TA
–40
125
°C
Operating voltage
Pin 1 to 2 or pin 2 to 1
–9
9
V
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD1E10B09


Similar Part No. - TPD1E10B09_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results

Similar Description - TPD1E10B09_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
logo
AMAZING Microelectronic...
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com