Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1S514X Datasheet(PDF) 6 Page - Texas Instruments

Part # TPD1S514X
Description  Family USB Charger Over Voltage, Surge and ESD Protection for V(BUS) PIN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S514X Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD1S514X Datasheet HTML 2Page - Texas Instruments TPD1S514X Datasheet HTML 3Page - Texas Instruments TPD1S514X Datasheet HTML 4Page - Texas Instruments TPD1S514X Datasheet HTML 5Page - Texas Instruments TPD1S514X Datasheet HTML 6Page - Texas Instruments TPD1S514X Datasheet HTML 7Page - Texas Instruments TPD1S514X Datasheet HTML 8Page - Texas Instruments TPD1S514X Datasheet HTML 9Page - Texas Instruments TPD1S514X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPD1S514x
SLVSCF6E – APRIL 2014 – REVISED OCTOBER 2015
www.ti.com
7.6 Electrical Characteristics EN Pin
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
EN
VBUS_CON = 5 V
1.2
6
V
VIL
Low-level input voltage
EN
VBUS_CON = 5 V
0
0.8
V
IIL
Input Leakage Current
EN
VEN = 0 V, VBUS_CON = 5 V
1
µA
IIH
Input Leakage Current
EN
VEN = 5 V, VBUS_CON = 5 V
10
µA
7.7 Thermal Shutdown Feature
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBUS_CON = 5 V, EN = 0 V, Junction temperature
TSHDN
Thermal Shutdown
decreases from thermal shutdown level until the nFET
145
°C
switch turns off.
VBUS_CON = 5 V, EN = 0 V, Junction temperature
Thermal Shutdown Hysteresis
decreases from thermal shutdown level until the nFET
25
°C
switch turns on.
7.8 Electrical Characteristics nFET Switch
T = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBUS_CON = 5 V, IOUT = 1 A
TPD1S514-1
39
50
VBUS_CON = 9 V, IOUT = 1 A
TPD1S514-2
39
50
RON
Switch ON Resistance
m
Ω
VBUS_CON = 12 V, IOUT = 1 A
TPD1S514-3
39
50
VBUS_CON = 5 V, IOUT = 1 A
TPD1S514
39
50
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPD1S514x


Similar Part No. - TPD1S514X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Similar Description - TPD1S514X

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
   Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
   ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
Rev. 1.4, 16-Dec-10
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Rev. 1.3, 23-May-11
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
Rev. 1.7, 07-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com