Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E2U06 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPD2E2U06
Description  Dual-Channel High-Speed ESD Protection Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2E2U06_15 Datasheet HTML 1Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 2Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 3Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 4Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 5Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 6Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 7Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 8Page - Texas Instruments TPD2E2U06_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
-0.001
-0.0005
0
0.0005
0.001
±2
±1
0
1
2
3
4
5
6
7
8
9
10
Voltage (V)
C006
0
100
200
300
400
500
0
20
40
60
80
100
120
Temperature (ƒC)
C007
±15
0
15
30
45
60
75
90
105
120
0
25
50
75
100
125
150
175
200
Time (ns)
C004
±150
±135
±120
±105
±90
±75
±60
±45
±30
±15
0
15
±10
15
40
65
90
115
140
165
190
Time (ns)
C005
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
Voltage (V)
C002
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
Voltage (V)
C003
TPD2E2U06
www.ti.com
SLLSEG9B – JUNE 2013 – REVISED MAY 2015
7.6 Typical Characteristics
Figure 1. TLP, Data to GND
Figure 2. TLP, GND to Data
Figure 3. IEC 61000-4-2 Clamping Voltage, +8 kV Contact
Figure 4. IEC 61000-4-2 Clamping Voltage, –8 kV Contact
VIN 2.5 V
TA = 25°C
Figure 6. ILEAK vs Temperature
Figure 5. IV Curve
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD2E2U06


Similar Part No. - TPD2E2U06_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
More results

Similar Description - TPD2E2U06_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com