Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1S514-2YZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1S514-2YZR
Description  Family USB Charger Over Voltage, Surge and ESD Protection for V(BUS) PIN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S514-2YZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD1S514-2YZR Datasheet HTML 6Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 7Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 8Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 9Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 10Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 11Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 12Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 13Page - Texas Instruments TPD1S514-2YZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
10
20
30
40
-40E-6
000E+0
40E-6
80E-6
120E-6
Time (s)
VBUS_CON (V)
VBUS_CON (I)
VBUS_SYS (V)
C011
0
20
40
60
80
100
120
-25E-6
25E-6
75E-6
125E-6
175E-6
Time (s)
Open Circuit
Voltage
C010
TPD1S514x
SLVSCF6E – APRIL 2014 – REVISED OCTOBER 2015
www.ti.com
TPD1S514-1 Typical Characteristics (continued)
Figure 8. 100 V Surge With Device
Figure 9. 100 V Surge Without Device
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPD1S514x


Similar Part No. - TPD1S514-2YZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Similar Description - TPD1S514-2YZR

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
   Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
   ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
Rev. 1.4, 16-Dec-10
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Rev. 1.3, 23-May-11
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
Rev. 1.7, 07-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com