Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E2U06 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E2U06
Description  Dual-Channel High-Speed ESD Protection Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2E2U06 Datasheet HTML 1Page - Texas Instruments TPD2E2U06 Datasheet HTML 2Page - Texas Instruments TPD2E2U06 Datasheet HTML 3Page - Texas Instruments TPD2E2U06 Datasheet HTML 4Page - Texas Instruments TPD2E2U06 Datasheet HTML 5Page - Texas Instruments TPD2E2U06 Datasheet HTML 6Page - Texas Instruments TPD2E2U06 Datasheet HTML 7Page - Texas Instruments TPD2E2U06 Datasheet HTML 8Page - Texas Instruments TPD2E2U06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
3
5
4
GND
TPD2E2U06
D+
D-
GND
Vbus
Power
Supply
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPD2E2U06
SLLSEG9B – JUNE 2013 – REVISED MAY 2015
TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
1 Features
3 Description
The TPD2E2U06 is a dual-channel low capacitance
1
IEC 61000-4-2 Level 4
TVS diode ESD protection device. The device offers
±25 kV (Contact Discharge)
±25-kV contact and ±30-kV air-gap ESD protection in
±30 kV (Air-gap Discharge)
accordance with the IEC 61000-4-2 standard. The
1.5-pF line capacitance of the TPD2E2U06 makes
IEC 61000-4-5 Surge Protection
the device suitable for a wide range of applications.
5.5 A Peak Pulse Current (8/20 µs Pulse)
Typical application interfaces are USB 2.0, LVDS,
IO Capacitance 1.5 pF (Typ)
and I2C™.
DC Breakdown Voltage 6.5 V (Min)
Device Information(1)
Ultra-Low Leakage Current 10 nA (Max)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Low ESD Clamping Voltage
TPD2E2U06
SOT (5)
1.60 mm × 1.20 mm
Industrial Temperature Range: –40°C to +125°C
(1) For all available packages, see the orderable addendum at
Small Easy-to-Route DRL Package
the end of the data sheet.
2 Applications
End Equipment
Set Top Box
Notebook
Server
Electronic Point of Sale (EPOS)
Interfaces
USB 2.0
Ethernet
MIPI Bus
LVDS
I2C
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD2E2U06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
More results

Similar Description - TPD2E2U06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com