Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1S514 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1S514
Description  Family USB Charger Over Voltage, Surge and ESD Protection for V(BUS) PIN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S514 Datasheet(HTML) 1 Page - Texas Instruments

  TPD1S514 Datasheet HTML 1Page - Texas Instruments TPD1S514 Datasheet HTML 2Page - Texas Instruments TPD1S514 Datasheet HTML 3Page - Texas Instruments TPD1S514 Datasheet HTML 4Page - Texas Instruments TPD1S514 Datasheet HTML 5Page - Texas Instruments TPD1S514 Datasheet HTML 6Page - Texas Instruments TPD1S514 Datasheet HTML 7Page - Texas Instruments TPD1S514 Datasheet HTML 8Page - Texas Instruments TPD1S514 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
V
BUS
D–
D+
ID
GND
PMIC/System
V
BUS_CON
V
BUS_SYS
V
BUS_POWER
GND
EN
TPD4E110
TPD1S514x
USB Port
LDO
POR
+
Oscillator
TSD
V
REF
V
IN
V
OUT
OVP
EN Buffer
EN
V
BUS_SYS
V
BUS_POWER
V
BUS_CON
GND
Surge
Clamp
BG
Reference
Q-Pump
Gate Drive
Digital
Core
-
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPD1S514x
SLVSCF6E – APRIL 2014 – REVISED OCTOBER 2015
TPD1S514x Family USB Charger Over Voltage, Surge and ESD Protection for VBUS PIN
1 Features
3 Description
The
TPD1S514
Family
consists
of
single-chip
1
Over Voltage Protection at VBUS_CON
protection solutions for 5-V, 9-V or 12-V USB VBUS
up to 30-V DC
lines, or other power buses. The bidirectional nFET
Precision OVP ( < ± 1% Tolerance)
switch ensures safe current flow in both charging and
Low RON nFET Switch Supports Host and
host mode while protecting the internal system
circuits from any over voltage condition at the
Charging Mode
VBUS_CON pin. On the VBUS_CON pin, this device can
Dedicated VBUS_POWER Pin Offers Flexible Power
handle over voltage protection up to 30-V DC. After
up Options Under Dead Battery Condition
the EN pin toggles low, any device in the TPD1S514
Transient Protection for VBUS Line:
Family waits 20 ms before turning ON the nFET
through a soft start delay.
IEC 61000-4-2 Contact Discharge ±15 kV
IEC 61000-4-2 Air Gap Discharge ±15 kV
Typical application interfaces for the TPD1S514
Family are VBUS lines in USB connectors typically
IEC 61000-4-5 Open Circuit Voltage 100 V
found in cell phones, tablets, eBooks, and portable
Precision Clamp Circuit Limits the VBUS_SYS
media players. The TPD1S514 Family can also be
Voltage < VOVP
applied to any system using an interface for a 5-V, 9-
USB Inrush Current Compliant
V, or 12-V power rail.
Thermal Shutdown (TSD) Feature
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
2 Applications
TPD1S514x
WCSP (12)
1.29 mm × 1.99 mm
Cell Phones
(1) For all available packages, see the orderable addendum at
Tablets
the end of the datasheet.
eBook
White Space
Portable Media Players
White Space
5-V, 9-V, and 12-V Power Rails
White Space
White Space
White Space
TPD1S514 Family Circuit Protection Scheme
TPD1S514 Family Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD1S514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414YZR TI1-TPD1S414YZR Datasheet
1Mb / 18P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Similar Description - TPD1S514

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
   Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
   Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
   ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
   USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
   USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
Rev. 1.4, 16-Dec-10
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
   USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
Rev. 1.3, 23-May-11
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
01-Jan-2022
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF_V01 Datasheet
176Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 28 V
01-Jan-2022
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
   USB-OTG BUS-Port ESD Protection for VBUS = 12 V
Rev. 1.7, 07-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com