Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2E2U06-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E2U06-Q1
Description  Dual-Channel High-Speed ESD Protection Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD2E2U06-Q1 Datasheet HTML 6Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 7Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 8Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 9Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 10Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 11Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 12Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 13Page - Texas Instruments TPD2E2U06-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
±4
±3
±2
±1
0
1
100k
1M
10M
100M
1000M
10000M
Frequency (Hz)
C011
TPD2E2U06
SLLSEG9B – JUNE 2013 – REVISED MAY 2015
www.ti.com
9.2.2.1 Signal Range
The TPD2E2U06 has 2 identical protection channels for signal lines. The symmetry of the device provides
flexibility when selecting which of the 2 I/O channels will protect which signal lines. Any I/O will support a signal
range of 0 to 5.5 V.
9.2.2.2 Operating Frequency
The TPD2E2U06 has a capacitance of 1.5 pF (Typ), supporting USB 2.0 data rates.
9.2.3 Application Curves
Figure 11. Insertion Loss Graph
10 Power Supply Recommendations
This device is a passive ESD protection device and there is no need to power it. Care should be taken to make
sure that the maximum voltage specifications for each line are not violated.
11 Layout
11.1 Layout Guidelines
The optimum placement is as close to the connector as possible.
EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
The PCB designer needs to minimize the possibility of EMI coupling by keeping any unprotected traces
away from the protected traces which are between the TVS and the connector.
Route the protected traces as straight as possible.
Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
Electric fields tend to build up on corners, increasing EMI coupling.
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPD2E2U06


Similar Part No. - TPD2E2U06-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
More results

Similar Description - TPD2E2U06-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com