Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E001 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPD4E001
Description  Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD4E001_16 Datasheet HTML 5Page - Texas Instruments TPD4E001_16 Datasheet HTML 6Page - Texas Instruments TPD4E001_16 Datasheet HTML 7Page - Texas Instruments TPD4E001_16 Datasheet HTML 8Page - Texas Instruments TPD4E001_16 Datasheet HTML 9Page - Texas Instruments TPD4E001_16 Datasheet HTML 10Page - Texas Instruments TPD4E001_16 Datasheet HTML 11Page - Texas Instruments TPD4E001_16 Datasheet HTML 12Page - Texas Instruments TPD4E001_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
IO3
IO4
GND
IO2
IO1
0.1µF
V
CC
USB
Controller
R
T
V
BUS
D+
D–
GND
V
BUS
D+
D–
GND
D1
9
TPD4E001
www.ti.com
SLLS682L – JULY 2006 – REVISED MAY 2016
Product Folder Links: TPD4E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPD4E001 is a diode array type Transient Voltage Suppressor (TVS) which is typically used to provide a
path to ground for dissipating ESD events on hi-speed signal lines between a human interface connector and a
system. As the current from ESD passes through the TVS, only a small voltage drop is present across the diode.
This is the voltage presented to the protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP,
to a tolerable level to the protected IC.
8.2 Typical Application
Figure 4. Typical Application Schematic
8.2.1 Design Requirements
For this design example, a single TPD4E001 is used to protect all the pins of two USB2.0 connectors.
Given the USB application, the following parameters are known.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Signal range on IO1, IO2, IO3, and IO4
0 V to 3.6 V
Signal voltage range on VCC
0 V to 5.25 V
Operating Frequency
240 MHz
8.2.2 Detailed Design Procedure
When placed near the USB connectors, the TPD4E001 ESD solution offers little or no signal distortion during
normal operation due to low IO capacitance and ultra-low leakage current specifications. The TPD4E001 ensures
that the core circuitry is protected and the system is functioning properly in the event of an ESD strike. For
proper operation, the following layout/ design guidelines should be followed:
1. Place the TPD4E001 solution close to the connectors. This allows the TPD4E001 to take away the energy
associated with ESD strike before it reaches the internal circuitry of the system board.
2. Place a 0.1-
μF capacitor very close to the VCC pin. This limits any momentary voltage surge at the IO pin
during the ESD strike event.


Similar Part No. - TPD4E001_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI-TPD4E001_11 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

Similar Description - TPD4E001_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com