Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E001DRLR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E001DRLR
Description  Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001DRLR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD4E001DRLR Datasheet HTML 6Page - Texas Instruments TPD4E001DRLR Datasheet HTML 7Page - Texas Instruments TPD4E001DRLR Datasheet HTML 8Page - Texas Instruments TPD4E001DRLR Datasheet HTML 9Page - Texas Instruments TPD4E001DRLR Datasheet HTML 10Page - Texas Instruments TPD4E001DRLR Datasheet HTML 11Page - Texas Instruments TPD4E001DRLR Datasheet HTML 12Page - Texas Instruments TPD4E001DRLR Datasheet HTML 13Page - Texas Instruments TPD4E001DRLR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
TPD4E001
SLLS682L – JULY 2006 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPD4E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
3. Ensure that there is enough metallization for the VCC and GND loop. During normal operation, the TPD4E001
consumes nA leakage current. But during the ESD event, VCC and GND may see 15 A to
30 A of current, depending on the ESD level. Sufficient current path enables safe discharge of all the energy
associated with the ESD strike.
4. Leave the unused IO pins floating. In this example of protecting two USB ports, none of the IO pins will be
left unused.
5. The VCC pin can be connected in two different ways:
(a) If the VCC pin is connected to the system power supply, the TPD4E001 works as a transient suppressor
for any signal swing above VCC + VF. A 0.1-μF capacitor on the device VCC pin is recommended for ESD
bypass.
(b) If the VCC pin is not connected to the system power supply, the TPD4E001 can tolerate higher signal
swing in the range up to 10 V. Please note that a 0.1-
μF capacitor is still recommended at the VCC pin for
ESD bypass.
8.2.3 Application Curve
Figure 5 is a capture of the voltage clamping waveform of TPD4E001DRL on IO3 during a +8kV Contact
IEC61000-4-2 ESD strike.
Figure 5. TPD4E001DRL IEC61000-4-2 Voltage Clamp Waveform +8kV Contact


Similar Part No. - TPD4E001DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001DRLR TI-TPD4E001DRLR Datasheet
200Kb / 10P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001DRLR TI-TPD4E001DRLR Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001DRLR TI-TPD4E001DRLR Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001DRLR TI1-TPD4E001DRLR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DRLR TI1-TPD4E001DRLR Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

Similar Description - TPD4E001DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com