Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E05U06QDQARQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E05U06QDQARQ1
Description  1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E05U06QDQARQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPD4E05U06QDQARQ1 Datasheet HTML 6Page - Texas Instruments TPD4E05U06QDQARQ1 Datasheet HTML 7Page - Texas Instruments TPD4E05U06QDQARQ1 Datasheet HTML 8Page - Texas Instruments TPD4E05U06QDQARQ1 Datasheet HTML 9Page - Texas Instruments TPD4E05U06QDQARQ1 Datasheet HTML 10Page - Texas Instruments TPD4E05U06QDQARQ1 Datasheet HTML 11Page - Texas Instruments TPD4E05U06QDQARQ1 Datasheet HTML 12Page - Texas Instruments TPD4E05U06QDQARQ1 Datasheet HTML 13Page - Texas Instruments TPD4E05U06QDQARQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HOT PLUG 1
UTILITY 2
TMDS D2+ 3
TMDS_GND 4
TMDS D2- 5
TMDS D1+ 6
TMDS_GND 7
TMDS D1- 8
TMDS D0+ 9
TMDS_GND 10
TMDS D0- 11
TMDS CLK+ 12
TMDS_GND 13
TMDS CLK- 14
CEC 15
DDC/CEC GND 16
SCL 17
SDA 18
P 5V0 19
GND 20
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
CEC_CON
SCL_CON
SDA_CON
EN
5V_CON
HPD_CON
UTI_CON
GND
HPD_SYS
5V_SYS
VCCA
SDA_SYS
SCL_SYS
CEC_SYS
UTI_CON
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
0.1 µF
0.1 µF
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
5-V Source
HDMI Controller
TPD4E05U06DQA-Q1
TPD4E05U06DQA-Q1
TPD5S116YFF
Copyright © 2016, Texas Instruments Incorporated
10
TPD4E05U06-Q1, TPD1E05U06-Q1
SLVSCO7B – AUGUST 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPD4E05U06-Q1 TPD1E05U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Application and Implementation
8.1 Application Information
The TPD4E05U06-Q1 is a diode type TVS which is typically used to provide a path to ground for dissipating ESD
events on hi-speed signal lines between a human interface connector and a system. As the current from ESD
passes through the TVS, only a small voltage drop is present across the diode. This is the voltage presented to
the protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a safe level for the protected
IC.
8.2 Typical Application
Figure 11. HDMI 1.4 Application
8.2.1 Design Requirements
For this design example, two TPD4E05U06-Q1 devices, and a TPD5S116 are being used in an HDMI 1.4
application. This provides a complete port protection scheme.
Given the HDMI 1.4 application, the parameters in Table 1 are known.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Signal range on pins 1, 2, 4, or 5
0 V to 5 V
Operating frequency
1.7 GHz
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer needs to know the following:
Signal range on all the protected lines
Operating frequency


Similar Part No. - TPD4E05U06QDQARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E05U06 TI1-TPD4E05U06 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD4E05U06 TI1-TPD4E05U06 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD4E05U06 TI-TPD4E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06 TI-TPD4E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
More results

Similar Description - TPD4E05U06QDQARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com