Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E05U06 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E05U06
Description  1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E05U06 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4E05U06 Datasheet HTML 1Page - Texas Instruments TPD4E05U06 Datasheet HTML 2Page - Texas Instruments TPD4E05U06 Datasheet HTML 3Page - Texas Instruments TPD4E05U06 Datasheet HTML 4Page - Texas Instruments TPD4E05U06 Datasheet HTML 5Page - Texas Instruments TPD4E05U06 Datasheet HTML 6Page - Texas Instruments TPD4E05U06 Datasheet HTML 7Page - Texas Instruments TPD4E05U06 Datasheet HTML 8Page - Texas Instruments TPD4E05U06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
4
6
7
8
9
10
5
D1+
D1–
GND
D2+
D2–
N.C.
N.C.
GND
N.C.
N.C.
1
2
I/O
GND
3
TPD4E05U06-Q1, TPD1E05U06-Q1
www.ti.com
SLVSCO7B – AUGUST 2014 – REVISED AUGUST 2016
Product Folder Links: TPD4E05U06-Q1 TPD1E05U06-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Place as close to the connector as possible.
5 Pin Configuration and Functions
DPY Package
2-Pin X1SON
Top View
DQA Package
10-Pin USON
Top View
Pin Functions TPD1E05U06-Q1 DPY
PIN
TYPE
DESCRIPTION
NO.
NAME
1
I/O
I/O
ESD Protected Channel(1)
2
GND
Ground
Ground; Connect to ground
(1)
Place as close to the connector as possible.
Pin Functions TPD4E05U06-Q1 DQA
PIN
TYPE
DESCRIPTION
NO.
NAME
1
D1+
I/O
ESD Protected Channel(1)
2
D1–
I/O
ESD Protected Channel(1)
4
D2+
I/O
ESD Protected Channel(1)
5
D2–
I/O
ESD Protected Channel(1)
6, 7, 9, 10
NC
NC
Not Connected; Used for optional straight-through routing. Can be left floating or
grounded
3, 8
GND
Ground
Ground; Connect to ground


Similar Part No. - TPD4E05U06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E05U06 TI1-TPD4E05U06 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD4E05U06 TI1-TPD4E05U06 Datasheet
2Mb / 29P
[Old version datasheet]   Current Limit Switch and D/D??ESD Protection for USB Host Ports
TPD4E05U06 TI-TPD4E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD4E05U06 TI-TPD4E05U06 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
More results

Similar Description - TPD4E05U06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD4E110 TI1-TPD4E110 Datasheet
8Mb / 19P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com