Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU731-1210C4 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU731-1210C4
Description  CITILED COB Series High Intensity Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU731-1210C4 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU731-1210C4 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU731-1210C4 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU731-1210C4 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU731-1210C4 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU731-1210C4 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU731-1210C4 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU731-1210C4 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU731-1210C4 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU731-1210C4 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ref.CE-P3515 01/16
1. Introduction
1-1. Product Description
1-2. Features
CITIZEN ELECTRONICS is the first COB manufacture. Our advanced knowledge and packaging technology for many
years has excellent reliability and high quality of our products. CITILED COB Series covers a wide range of luminous flux
from a 10W incandescent bulb to a 300W mercury lamp in general lighting sources. The element arrangement of LED
package is capable of utilizing light more effectively and higher performance.
The new package “High Intensity Type” provides smaller LES and higher flux intensity. Our new small LES (Light
emitting surface) package has succeeded in producing higher flux intensity through use of our advanced packaging
technology. It is suitable for luminaires with a narrow beam angle such as spot lights. Enough space around LES on the
PCB accepts flexibility of optics attachment. This package is 3-Step MacAdam ellipse at hot binning.
Ver.2 is improved higher lumen density and lower thermal resistance as same package outline of previous version. New
lineup "low VF product (9V) " is added.
2
CLU731 - 12 10 C4 - 27 3 M2 K1
[1]
[2]
[3]
[4]
[5]
[1]
[2]
[3]
[4]
[5]
CRI (Ra)
CLU731
12
10
2700K
Min.80
Product shape
Die count in series
Die count in parallel
Nominal CCT
Product Nomenclature


Similar Part No. - CLU731-1210C4

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU731-1210C4 CITIZEN-CLU731-1210C4 Datasheet
553Kb / 14P
   High Intensity COB
CLU731-1210C4-27NV1N8 CITIZEN-CLU731-1210C4-27NV1N8 Datasheet
553Kb / 14P
   High Intensity COB
CLU731-1210C4-30NV1N8 CITIZEN-CLU731-1210C4-30NV1N8 Datasheet
553Kb / 14P
   High Intensity COB
CLU731-1210C4-35NV1N8 CITIZEN-CLU731-1210C4-35NV1N8 Datasheet
553Kb / 14P
   High Intensity COB
CLU731-1210C4-40NV1N8 CITIZEN-CLU731-1210C4-40NV1N8 Datasheet
553Kb / 14P
   High Intensity COB
More results

Similar Description - CLU731-1210C4

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU711-1204C4 CITIZEN-CLU711-1204C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-0304C4 CITIZEN-CLU701-0304C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU701-0303C4 CITIZEN-CLU701-0303C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU721-1206C4 CITIZEN-CLU721-1206C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-1002C4 CITIZEN-CLU701-1002C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU710-1204B8 CITIZEN-CLU710-1204B8 Datasheet
746Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU730-1210B8 CITIZEN-CLU730-1210B8 Datasheet
731Kb / 15P
   CITILED COB Series High intensity High CRI Type
CLU700-1002B8 CITIZEN-CLU700-1002B8 Datasheet
747Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU720-1206B8 CITIZEN-CLU720-1206B8 Datasheet
759Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com