Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLU036-1208C1 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU036-1208C1
Description  CITILED COB Series Standard Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU036-1208C1 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU036-1208C1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU036-1208C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Ref.CE-P3082 04/15
2. Performance Characteristics
2-1. Electro Optical Characteristics
2-2. Absolute Maximum Ratings
Symbol
Rating
Pi
78.3
*1
If
1840
*1
If min
40
Ir
1
Top
-40 ~ +100
Tst
-40 ~ +100
Tc
105
*2
Tj
140
*3
*3. D.C. Current : Tj = Tc + Rj-c × Pi
Storage Temperature (C)
Case Temperature (C)
Junction Temperature (C)
Operating Temperature (C)
Absolute Maximum Ratings
*1. Input power and forward current are the values when the LED is used within the range of the derating
curve in this data sheet.
*2. Refer to 3. Outline drawing for Tc measurement point.
Parameter
Input Power (W)
Forward Current (mA)
Minimum Current (mA)
Reverse Current (mA)
3
( Tj=85C )
Ra
R9
Tc=25C*
Min.
Min.
Min.
Typ.
Typ.
Typ.
Min.
Typ.
Max.
CLU036-1208C1-273M2G2
2700K
80
0
2,848
3,237
3,498
130
720
31.8
34.6
37.5
0.78
CLU036-1208C1-303M2G2
3000K
80
0
2,982
3,389
3,662
136
720
31.8
34.6
37.5
0.78
CLU036-1208C1-353M2G2
3500K
80
0
3,045
3,461
3,740
139
720
31.8
34.6
37.5
0.78
CLU036-1208C1-403M2G2
4000K
80
0
3,080
3,501
3,783
140
720
31.8
34.6
37.5
0.78
CLU036-1208C1-503M2G2
5000K
80
0
3,127
3,554
3,840
142
720
31.8
34.6
37.5
0.78
CLU036-1208C1-653M2G2
6500K
80
0
3,190
3,625
3,917
145
720
31.8
34.6
37.5
0.78
CLU036-1208C1-30AL7G4
3000K
70
-
3,220
3,660
3,955
147
720
31.8
34.6
37.5
0.78
CLU036-1208C1-40AL7G4
4000K
70
-
3,327
3,781
4,085
152
720
31.8
34.6
37.5
0.78
CLU036-1208C1-50AL7G4
5000K
70
-
3,377
3,838
4,147
154
720
31.8
34.6
37.5
0.78
Notes :
1. Citizen Electronics maintains forward voltage +/-3%, luminous flux +/-10%,Ra and R9 +/-1.
*Values of Luminous flux at Tc=25C are provided as reference only.
Product code
Forward
Current
( mA )
Thermal
Resistance
Rj-c
( C/W )
CRI
Nominal
CCT
Luminous flux
( lm )
Efficacy
( lm/W )
Voltage
( V )
Tj=85C


Similar Part No. - CLU036-1208C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU036-1205C1 CITIZEN-CLU036-1205C1 Datasheet
749Kb / 15P
   CITILED COB Series Standard Type
CLU036-1206C1 CITIZEN-CLU036-1206C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
More results

Similar Description - CLU036-1208C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU046-1212C1 CITIZEN-CLU046-1212C1 Datasheet
737Kb / 15P
   CITILED COB Series Standard Type
CLU026-1204C1 CITIZEN-CLU026-1204C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU026-1203C1 CITIZEN-CLU026-1203C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU026-1201C1 CITIZEN-CLU026-1201C1 Datasheet
751Kb / 15P
   CITILED COB Series Standard Type
CLU056-3618C1 CITIZEN-CLU056-3618C1 Datasheet
736Kb / 15P
   CITILED COB Series Standard Type
CLU036-1206C1 CITIZEN-CLU036-1206C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU026-1202C1 CITIZEN-CLU026-1202C1 Datasheet
750Kb / 15P
   CITILED COB Series Standard Type
CLU038-1208C4 CITIZEN-CLU038-1208C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4 Datasheet
756Kb / 15P
   CITILED COB Series Standard Type
CLU036-1205C1 CITIZEN-CLU036-1205C1 Datasheet
749Kb / 15P
   CITILED COB Series Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com