Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL130-0101C1-28GV1J4 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL130-0101C1-28GV1J4
Description  This data sheet is applied to the LED package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL130-0101C1-28GV1J4 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CLL130-0101C1-28GV1J4 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-28GV1J4 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-28GV1J4 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-28GV1J4 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-28GV1J4 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-28GV1J4 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-28GV1J4 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-28GV1J4 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0101C1-28GV1J4 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Chromaticity coordinates ( Condition : IF=65mA, Tc = 25C)
*1 The tolerance of measurement at our tester is Chromaticity(x,y)±0.01
*For an order, products within the rank listed above will be delivered.
Except designation of a delivery proportion of each rank.
CLL130-0101C1-28GV1J4
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
4/14
Symbol
CITILED
Name
0.370
0.380
0.390
0.400
0.410
0.420
0.430
0.440
0.450
0.460
x
x-y chart-CIE1931
1
2
3
4
5
6
1
3
5
7
2
4
6
8
Ref.CE-P3695 05/16


Similar Part No. - CLL130-0101C1-28GV1J4

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
More results

Similar Description - CLL130-0101C1-28GV1J4

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL032-1205A5-273H3D2 CITIZEN-CLL032-1205A5-273H3D2 Datasheet
1Mb / 12P
   This data sheet is applied to the LED package
CLL130-0101C1-273M1F2 CITIZEN-CLL130-0101C1-273M1F2 Datasheet
621Kb / 13P
   This data sheet is applied to the LED package
CLL130-0101B2-353M1C5 CITIZEN-CLL130-0101B2-353M1C5 Datasheet
495Kb / 14P
   This data sheet is applied to the LED package
CLL130-0101B2-65AM1C5 CITIZEN-CLL130-0101B2-65AM1C5 Datasheet
490Kb / 14P
   This data sheet is applied to the LED package
CLL032-1206A5-50KL1A1 CITIZEN-CLL032-1206A5-50KL1A1 Datasheet
377Kb / 12P
   This data sheet is applied to the LED package
CLL620-0101B2-65AM1C5 CITIZEN-CLL620-0101B2-65AM1C5 Datasheet
492Kb / 16P
   This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
   This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
   This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
   This data sheet is applied to the LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com