Electronic Components Datasheet Search |
|
FR2MFL Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
FR2MFL Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 2 page FR2MFL FR2KFL FR2JFL FR2GFL FR2DFL FR2BFL FR2AFL FR2AFL - FR2MFL Characteristic VOLTAGE RANGE: 50 - 1000V 700 1000 CURRENT: 2.0 A SURFACE MOUNT FAST RECOVERY RECTIFIER DIODES ! ! ! ! ! ! Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR RMS Reverse Voltage VR(RMS) Average Rectified Output Current @TL = 90°C IO Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM Forward Voltage @IF = 2.0A VFM Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 125°C IRM 5.0 300 Reverse Recovery Time (Note 1) trr Typical Junction Capacitance (Note 2) Cj Typical Thermal Resistance (Note 3) RJL Operating and Storage Temperature Range Tj, TSTG Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC. 3. Mounted on P.C. Board with 8.0mm2 land area. 100 200 400 600 800 70 140 280 420 560 150 250 500 1.30 50 20 -50 to +150 2.0 Features µA Unit V V nS V pF °C/W °C A 50 A Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Glass Passivated Die Construction Ideally Suited for Automatic Assembly Low Forward Voltage Drop, High Efficiency Low Power Loss Fast Recovery Time Plastic Case Material has UL Flammability Classification Rating 94V-O : SOD-123FL plastic body over passivated junction Method 2026 : Color band denotes cathode end : Any :0.0007 ounce, 0.02 grams Case Terminals Polarity Mounting Position Weight : Plated axial leads, solderable per MIL-STD-750, Mechanical Data ! ! ! ! ! ! 50 35 Symbol 1 of 2 www.sunmate.tw 3.58 3.72 0.55 0.57 0.53 0.15 0.17 0.13 E D 1.00 1.03 0.097 1.05 1.08 1.02 1 1.80 1.83 1.77 2.75 2.78 2.72 A 3.65 3 SOD-123FL Dim Min Max Typ B C H L All Dimensions in mm A E L B C E H D |
Similar Part No. - FR2MFL |
|
Similar Description - FR2MFL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |