Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-5486-TR2 Datasheet(PDF) 3 Page - Stanford Microdevices

Part # SGA-5486-TR2
Description  DC-2400 MHz 3.5V SiGe Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-5486-TR2 Datasheet(HTML) 3 Page - Stanford Microdevices

  SGA-5486-TR2 Datasheet HTML 1Page - Stanford Microdevices SGA-5486-TR2 Datasheet HTML 2Page - Stanford Microdevices SGA-5486-TR2 Datasheet HTML 3Page - Stanford Microdevices SGA-5486-TR2 Datasheet HTML 4Page - Stanford Microdevices SGA-5486-TR2 Datasheet HTML 5Page - Stanford Microdevices SGA-5486-TR2 Datasheet HTML 6Page - Stanford Microdevices SGA-5486-TR2 Datasheet HTML 7Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary
Preliminary
SGA-5486 DC-2400 MHz 3.5V SiGe Amplifier
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
EDS-100612 Rev A
#
n
i
Pn
o
i
t
c
n
u
Fn
o
i
t
p
i
r
c
s
e
Dc
i
t
a
m
e
h
c
S
e
c
i
v
e
D
1
N
I
F
Rf
o
e
s
u
e
h
t
s
e
r
i
u
q
e
r
n
i
p
s
i
h
T
.
n
i
p
t
u
p
n
i
F
R
r
o
t
i
c
a
p
a
c
g
n
i
k
c
o
l
b
C
D
l
a
n
r
e
t
x
e
n
a
.
n
o
i
t
a
r
e
p
o
f
o
y
c
n
e
u
q
e
r
f
e
h
t
r
o
f
n
e
s
o
h
c
2
D
N
Gr
o
f
s
e
l
o
h
a
i
v
e
s
U
.
d
n
u
o
r
g
o
t
n
o
i
t
c
e
n
n
o
C
d
a
e
l
e
c
u
d
e
r
o
t
e
c
n
a
m
r
o
f
r
e
p
t
s
e
b
s
a
s
d
a
e
l
d
n
u
o
r
g
o
t
e
s
o
l
c
s
a
e
c
n
a
t
c
u
d
n
i
.
e
l
b
i
s
s
o
p
3
/
T
U
O
F
R
S
A
I
B
s
i
e
g
a
t
l
o
v
C
D
.
n
i
p
s
a
i
b
d
n
a
t
u
p
t
u
o
F
R
C
D
a
e
r
o
f
e
r
e
h
t
,
n
i
p
s
i
h
t
n
o
t
n
e
s
e
r
p
r
o
f
y
r
a
s
s
e
c
e
n
s
i
r
o
t
i
c
a
p
a
c
g
n
i
k
c
o
l
b
.
n
o
i
t
a
r
e
p
o
r
e
p
o
r
p
4
D
N
G2
n
i
P
s
a
s
e
m
a
S
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford
Microdevices product for use in life-support devices and/or systems.
Copyright 1999 Stanford Microdevices, Inc. All worldwide rights reserved.
25 ohms
68pF
22nH
1uF
22pF
68pF
50 ohm
microstrip
50 ohm
microstrip
VCC=+5V
Application Schematic for +5V Operation at 900 MHz
Application Schematic for +5V Operation at 1900 MHz
25 ohms
100pF
33nH
1uF
68pF
100pF
50 ohm
microstrip
50 ohm
microstrip
VCC=+5V
1
2
3
4
1
2
3
4


Similar Part No. - SGA-5486-TR2

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-5486 SIRENZA-SGA-5486 Datasheet
89Kb / 4P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5486Z SIRENZA-SGA-5486Z Datasheet
89Kb / 4P
   DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-5486-TR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
   DC-2000 MHz SiGe HBT Amplifier
ASG101 ETC-ASG101 Datasheet
188Kb / 6P
   DC-3000 MHz SiGe HBT Amplifier
logo
Advanced Semiconductor ...
ASG330 ASB-ASG330 Datasheet
389Kb / 9P
   DC-2500 MHz SiGe HBT Amplifier
November 2007
logo
List of Unclassifed Man...
ASG303 ETC-ASG303 Datasheet
187Kb / 6P
   DC-2500 MHz SiGe HBT Amplifier
ASG402 ETC1-ASG402 Datasheet
260Kb / 7P
   DC-3000 MHz SiGe HBT Amplifier
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
   DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
   DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
   DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
   DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
QPA7489A QORVO-QPA7489A Datasheet
646Kb / 7P
   DC – 3500 MHz Cascadable SiGe HBT Amplifier
May 14, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com