Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7417DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN7417DR
Description  Convert TTL Voltage Levels to MOS Levels
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN7417DR Datasheet(HTML) 2 Page - Texas Instruments

  SN7417DR Datasheet HTML 1Page - Texas Instruments SN7417DR Datasheet HTML 2Page - Texas Instruments SN7417DR Datasheet HTML 3Page - Texas Instruments SN7417DR Datasheet HTML 4Page - Texas Instruments SN7417DR Datasheet HTML 5Page - Texas Instruments SN7417DR Datasheet HTML 6Page - Texas Instruments SN7417DR Datasheet HTML 7Page - Texas Instruments SN7417DR Datasheet HTML 8Page - Texas Instruments SN7417DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN5407, SN5417, SN7407, SN7417
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS032G − DECEMBER 1983 − REVISED MAY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
These circuits are completely compatible with most TTL families. Inputs are diode clamped to minimize
transmission-line effects, which simplifies design. Typical power dissipation is 145 mW, and average
propagation delay time is 14 ns.
logic diagram, each buffer/driver (positive logic)
AY
schematic
Resistor values shown are nominal.
6 k
Input A
Output Y
GND
VCC
3.4 k
1.6 k
100
1 k
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (see Notes 1 and 2): SN5407, SN7407
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN5417, SN7417
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. This is the maximum voltage that should be applied to any output when it is in the off state.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN7417DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN7417DR TI-SN7417DR Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417DR TI-SN7417DR Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417DR TI-SN7417DR Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417DR TI1-SN7417DR Datasheet
1Mb / 25P
[Old version datasheet]   Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
SN7417DRE4 TI-SN7417DRE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results

Similar Description - SN7417DR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV51216EALL ISSI-IS62WV51216EALL Datasheet
1Mb / 18P
   TTL compatible interface levels
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV10248DALL ISSI-IS62WV10248DALL Datasheet
490Kb / 15P
   TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
   TTL compatible interface levels
IS62C5128BL ISSI-IS62C5128BL Datasheet
512Kb / 14P
   TTL compatible interface levels
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
ILSI America LLC
ISM37 ILSI-ISM37 Datasheet
103Kb / 2P
   CMOS Logic Levels
logo
IP SEMICONDUCTOR CO., L...
IPS808-05D IPS-IPS808-05D Datasheet
286Kb / 5P
   High sensitive triggering levels
IPS808-05I IPS-IPS808-05I Datasheet
290Kb / 4P
   High sensitive triggering levels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com