Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS76AJ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS76AJ
Description  DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS76AJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54LS76AJ Datasheet HTML 4Page - Texas Instruments SN54LS76AJ Datasheet HTML 5Page - Texas Instruments SN54LS76AJ Datasheet HTML 6Page - Texas Instruments SN54LS76AJ Datasheet HTML 7Page - Texas Instruments SN54LS76AJ Datasheet HTML 8Page - Texas Instruments SN54LS76AJ Datasheet HTML 9Page - Texas Instruments SN54LS76AJ Datasheet HTML 10Page - Texas Instruments SN54LS76AJ Datasheet HTML 11Page - Texas Instruments SN54LS76AJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LS76ADR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
SN74LS76ADR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
0 to 70
SN74LS76AN
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SN74LS76AN
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SN74LS76AN3
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SN74LS76AN3
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SNJ5476J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9557501QE
A
SNJ5476J
SNJ5476J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9557501QE
A
SNJ5476J
SNJ5476W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9557501QF
A
SNJ5476W
SNJ5476W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9557501QF
A
SNJ5476W
SNJ54LS76AJ
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
7601301EA
SNJ54LS76AJ
SNJ54LS76AJ
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
7601301EA
SNJ54LS76AJ
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Similar Part No. - SN54LS76AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS76AJ TI-SN54LS76AJ Datasheet
531Kb / 13P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
More results

Similar Description - SN54LS76AJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
   Dual J-K Flip-Flops with Preset and Clear
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
   Dual J-K Flip-Flops with Clear and Preset
logo
National Semiconductor ...
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
   Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
   Dual J-K Flip-Flops with Preset and Clear
74VHC112 FAIRCHILD-74VHC112 Datasheet
70Kb / 7P
   Dual J-K Flip-Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74HC112 HITACHI-HD74HC112 Datasheet
60Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com