Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9690301Q2A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9690301Q2A
Description  DUAL LINE RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9690301Q2A Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-9690301Q2A Datasheet HTML 3Page - Texas Instruments 5962-9690301Q2A Datasheet HTML 4Page - Texas Instruments 5962-9690301Q2A Datasheet HTML 5Page - Texas Instruments 5962-9690301Q2A Datasheet HTML 6Page - Texas Instruments 5962-9690301Q2A Datasheet HTML 7Page - Texas Instruments 5962-9690301Q2A Datasheet HTML 8Page - Texas Instruments 5962-9690301Q2A Datasheet HTML 9Page - Texas Instruments 5962-9690301Q2A Datasheet HTML 10Page - Texas Instruments 5962-9690301Q2A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
Pulse
Generator
(see Note A)
Differential
Input
VCC –
1G
S
2G
VCC+
50
390
390
Output
‘107A, SN75107B
(see Note D)
(see Note C)
50 pF
50
V ref
100 mV
1A
1B
2A
2B
1Y
2Y
15 pF
Output
SN75108A,
CL
Strobe
Input
(see Note B)
TEST CIRCUIT
VOLTAGE WAVEFORMS
1.5 V
1.5 V
1.5 V
100 mV
100 mV
200 mV
0 V
3 V
VOH
VOL
1.5 V
1.5 V
t PLH(S)
t PHL(S)
t PLH(D)
t PHL(D)
Output Y
Input A
Strobe Input
G or S
CL
Pulse
Generator
(see Note A)
(see Note C)
t p2
t p1
NOTES: A. The pulse generators have the following characteristics: ZO = 50 Ω, tr = 10 ± 5 ns, tf = 10 ± 5 ns, tpd1 = 500 ns, PRR ≤ 1 MHz,
tpd2 = 1 µs, PRR ≤ 500 kHz.
B. Strobe input pulse is applied to Strobe 1G when inputs 1A-1B are being tested, to Strobe S when inputs 1A-1B or 2A-2B are being
tested, and to Strobe 2G when inputs 2A-2B are being tested.
C. CL includes probe and jig capacitance.
D. All diodes are 1N916.
Figure 2. Test Circuit and Voltage Waveforms


Similar Part No. - 5962-9690301Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9690301Q2A TI-5962-9690301Q2A Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - 5962-9690301Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com