Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS173ANE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LS173ANE4
Description  4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS173ANE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LS173ANE4 Datasheet HTML 4Page - Texas Instruments SN74LS173ANE4 Datasheet HTML 5Page - Texas Instruments SN74LS173ANE4 Datasheet HTML 6Page - Texas Instruments SN74LS173ANE4 Datasheet HTML 7Page - Texas Instruments SN74LS173ANE4 Datasheet HTML 8Page - Texas Instruments SN74LS173ANE4 Datasheet HTML 9Page - Texas Instruments SN74LS173ANE4 Datasheet HTML 10Page - Texas Instruments SN74LS173ANE4 Datasheet HTML 11Page - Texas Instruments SN74LS173ANE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SN54173, SN54LS173A, SN74173, SN74LS173A
4-BIT D-TYPE REGISTERS
WITH 3-STATE OUTPUTS
SDLS067A – OCTOBER 1976 – REVISED JUNE 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C, RL = 667 Ω (see Figure 2)
PARAMETER
TEST CONDITIONS
SN54LS173A
SN74LS173A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fmax
Maximum clock frequency
30
50
30
50
MHz
tPHL
Propagation delay time,
high-to-low-level output from clear input
26
35
26
35
ns
tPLH
Propagation delay time,
low-to-high-level output from clock input
CL = 45 pF
17
25
17
25
ns
tPHL
Propagation delay time,
high-to-low-level output from clock input
L
22
30
22
30
ns
tPZH
Output enable time to high level
15
23
15
23
ns
tPZL
Output enable time to low level
18
27
18
27
ns
tPHZ
Output disable time from high level
CL =5 pF
11
20
11
20
ns
tPLZ
Output disable time from low level
CL = 5 pF
11
17
11
17
ns


Similar Part No. - SN74LS173ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS173ANE4 TI-SN74LS173ANE4 Datasheet
562Kb / 19P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LS173ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54173 TI-SN54173 Datasheet
562Kb / 19P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T_08 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT574T TI-CY54FCT574T Datasheet
313Kb / 12P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
   4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
   4-bit D-type Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
logo
Texas Instruments
74LS672 TI-74LS672 Datasheet
330Kb / 9P
[Old version datasheet]   4-BIT UNIVERSAL SHIFT REGISTERS/LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com