Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75107AN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75107AN
Description  DUAL LINE RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75107AN Datasheet(HTML) 2 Page - Texas Instruments

  SN75107AN Datasheet HTML 1Page - Texas Instruments SN75107AN Datasheet HTML 2Page - Texas Instruments SN75107AN Datasheet HTML 3Page - Texas Instruments SN75107AN Datasheet HTML 4Page - Texas Instruments SN75107AN Datasheet HTML 5Page - Texas Instruments SN75107AN Datasheet HTML 6Page - Texas Instruments SN75107AN Datasheet HTML 7Page - Texas Instruments SN75107AN Datasheet HTML 8Page - Texas Instruments SN75107AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
DIFFERENTIAL INPUTS
STROBES
OUTPUT
A – B
G
S
Y
VID ≥ 25 mV
X
X
H
X
L
H
– 25 mV
< VID < 25 mV
L
X
H
H
H
Indeterminate
X
L
H
VID ≤ – 25 mV
L
X
H
H
H
L
H = high level, L = low level, X = irrelevant
logic symbol
2G
2B
2A
1G
1B
1A
S
8
11
12
5
2
6
2Y
1Y
9
4
&
EN
SN75108A
1
† These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, J, N, and W packages.
2G
2B
2A
1G
1B
1A
S
8
11
12
5
2
1
6
2Y
1Y
9
4
&
EN
SN55107A, SN75107A, and SN75107B
logic diagram (positive logic)
2B
2A
2G
1G
1B
1A
S
11
12
8
5
2
1
6
2Y
1Y
9
4


Similar Part No. - SN75107AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75107AN TI-SN75107AN Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107ANE4 TI-SN75107ANE4 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107ANSR TI-SN75107ANSR Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107ANSRE4 TI-SN75107ANSRE4 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107ANSRG4 TI-SN75107ANSRG4 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN75107AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com