Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75463P Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75463P
Description  DUAL PERIPHERAL DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75463P Datasheet(HTML) 2 Page - Texas Instruments

  SN75463P Datasheet HTML 1Page - Texas Instruments SN75463P Datasheet HTML 2Page - Texas Instruments SN75463P Datasheet HTML 3Page - Texas Instruments SN75463P Datasheet HTML 4Page - Texas Instruments SN75463P Datasheet HTML 5Page - Texas Instruments SN75463P Datasheet HTML 6Page - Texas Instruments SN75463P Datasheet HTML 7Page - Texas Instruments SN75463P Datasheet HTML 8Page - Texas Instruments SN75463P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN55461 THRU SN55463
SN75461 THRU SN75463
DUAL PERIPHERAL DRIVERS
SLRS022A − DECEMBER 1976 − REVISED OCTOBER 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
SN55’
SN75’
UNIT
Supply voltage, VCC (see Note 1)
7
7
V
Input voltage, VI
5.5
5.5
V
Intermitter voltage (see Note 2)
5.5
5.5
V
Off-state output voltage, VO
35
35
V
Continuous collector or output current (see Note 3)
400
400
mA
Peak collector or output current (tw ≤ 10 ms, duty cycle ≤ 50%, see Note 4)
500
500
mA
Peak collector or output current (tw ≤ 10 ms, duty cycle ≤ 50%, see Note 4)
500
500
mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
− 55 to 125
0 to 70
°C
Storage temperature range, Tstg
− 65 to 150
− 65 to 150
°C
Case temperature for 60 seconds, TC
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
JG package
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or P package
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network GND unless otherwise specified.
2. This is the voltage between two emitters A and B.
3. This value applies when the base-emitter resistance (RBE) is equal to or less than 500 Ω.
4. Both halves of these dual circuits may conduct rated current simultaneously; however, power dissipation averaged over a short time
interval must fall within the continuous dissipation rating.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 125°C
PACKAGE
TA ≤ 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70 C
POWER RATING
TA = 125 C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
JG
1050 mW
8.4 mW/
°C
672 mW
210 mW
P
1000 mW
8.0 mW/
°C
640 mW
recommended operating conditions
SN55’
SN75’
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
Operating free-air temperature, TA
−55
125
0
70
°C


Similar Part No. - SN75463P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75463P TI-SN75463P Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75463P TI-SN75463P Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75463PE4 TI-SN75463PE4 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75463PE4 TI-SN75463PE4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results

Similar Description - SN75463P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DS55451 NSC-DS55451 Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com