Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75452BDE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75452BDE4
Description  SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75452BDE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75452BDE4 Datasheet HTML 5Page - Texas Instruments SN75452BDE4 Datasheet HTML 6Page - Texas Instruments SN75452BDE4 Datasheet HTML 7Page - Texas Instruments SN75452BDE4 Datasheet HTML 8Page - Texas Instruments SN75452BDE4 Datasheet HTML 9Page - Texas Instruments SN75452BDE4 Datasheet HTML 10Page - Texas Instruments SN75452BDE4 Datasheet HTML 11Page - Texas Instruments SN75452BDE4 Datasheet HTML 12Page - Texas Instruments SN75452BDE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
2B
2A
1B
1A
4
5
3
GND
2Y
1Y
7
6
2
1
Copyright © 2016 Texas Instruments Incorporated
2B
2A
1B
1A
4
5
3
GND
2Y
1Y
7
6
2
1
Copyright © 2016 Texas Instruments Incorporated
2B
2A
1B
1A
4
5
3
GND
2Y
1Y
7
6
2
1
Copyright © 2016 Texas Instruments Incorporated
9
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
www.ti.com
SLRS021C – DECEMBER 1967 – REVISED MAY 2016
Product Folder Links: SN55451B SN55452B SN55453B SN55454B SN75451B SN75452B SN75453B SN75454B
Submit Documentation Feedback
Copyright © 1967–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The SN7545xB and SN5545xB devices provide dual-output drivers with AND, NAND, NOR, or OR logic inputs. If
each logic input is set to the appropriate voltage level, then the output driver will turn on, pulling the driver to
ground and allowing current to flow.
9.2 Functional Block Diagrams
Figure 6. SNx5451B Logic Diagram (Positive Logic)
Figure 7. SNx5452B Logic Diagram (Positive Logic)
Figure 8. SNx5453B Logic Diagram (Positive Logic)


Similar Part No. - SN75452BDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75452BDE4 TI-SN75452BDE4 Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75452BDE4 TI-SN75452BDE4 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75452BDE4 TI1-SN75452BDE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
More results

Similar Description - SN75452BDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55451B TI1-SN55451B_18 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com