Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75452BPSRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75452BPSRG4
Description  SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75452BPSRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75452BPSRG4 Datasheet HTML 1Page - Texas Instruments SN75452BPSRG4 Datasheet HTML 2Page - Texas Instruments SN75452BPSRG4 Datasheet HTML 3Page - Texas Instruments SN75452BPSRG4 Datasheet HTML 4Page - Texas Instruments SN75452BPSRG4 Datasheet HTML 5Page - Texas Instruments SN75452BPSRG4 Datasheet HTML 6Page - Texas Instruments SN75452BPSRG4 Datasheet HTML 7Page - Texas Instruments SN75452BPSRG4 Datasheet HTML 8Page - Texas Instruments SN75452BPSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
www.ti.com
SLRS021C – DECEMBER 1967 – REVISED MAY 2016
Product Folder Links: SN55451B SN55452B SN55453B SN55454B SN75451B SN75452B SN75453B SN75454B
Submit Documentation Feedback
Copyright © 1967–2016, Texas Instruments Incorporated
7.4 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN, II = – 12 mA
–1.2
–1.5
V
VOL
Low-level output voltage
VCC = MIN, VIL = 0.8 V, IOL =
100 mA
SN5545xB
0.25
0.5
V
SN7545xB
0.25
0.4
VCC = MIN, VIL = 0.8 V, IOL =
300 mA
SN5545xB
0.5
0.8
SN7545xB
0.5
0.7
IOH
High-level output current
VCC = MIN, VIH = MIN, VOH =
30 V
SN5545xB
300
µA
SN7545xB
100
II
Input current at maximum
input voltage
VCC = MAX, VI = 5.5 V
1
mA
IIH
High-level input current
VCC = MAX, VI = 2.4 V
40
µA
IIL
Low-level input current
VCC = MAX, VI = 0.4 V
–1
–1.6
mA
ICCH
Supply current, outputs high
VCC = MAX, VI = 5 V
SNx5451B
7
11
mA
SNx5453B
8
11
VCC = MAX, VI = 0 V
SNx5452B
11
14
SNx5454B
13
17
ICCL
Supply current, outputs low
VCC = MAX, VI = 0 V
SNx5451B
52
65
mA
SNx5453B
54
68
VCC = MAX, VI = 5 V
SNx5452B
56
71
SNx5454B
61
79
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
All typical values are at VCC = 5 V, TA = 25°C.
7.5 Switching Characteristics, VCC = 5 V, TA = 25°C
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-
level output
IO ≈ 200 mA, CL = 15 pF,
RL = 50 Ω, L See Figure 2
SNx5451B,
SNx5453B
18
25
ns
SNx5452B
26
35
SNx5454B
27
35
tPHL
Propagation delay time, high-to-low-
level output
IO ≈ 200 mA, CL = 15 pF,
RL = 50 Ω, L See Figure 2
SNx5451B,
SNx5453B
18
25
SNx5452B,
SNx5454B
24
35
tTLH
Transition time, low-to-high-level
output
IO ≈ 200 mA, CL = 15 pF,
RL = 50 Ω, L See Figure 2
5
8
tTHL
Transition time, high-to-low-level
output
IO ≈ 200 mA, CL = 15 pF,
RL = 50 Ω, L See Figure 2
7
12
VOH
High level output voltage after
switching
VS = 20 V, IO 9 300 mA,
See Figure 2
SN5545xB
VS – 6.5
mV
SN7545xB
VS – 6.5
7.6 Dissipation Ratings
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/°C
464
FK
1375 mW
11.0 mW/°C
880
275 mW
JG
1050 mW
8.4 mW/°C
672
210 mW
P
1000 mW
8.0 mW/°C
640


Similar Part No. - SN75452BPSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75452BPSRG4 TI-SN75452BPSRG4 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75452BPSRG4 TI1-SN75452BPSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
More results

Similar Description - SN75452BPSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55451B TI1-SN55451B_18 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com