Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ55451BJG Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55451BJG
Description  SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ55451BJG Datasheet(HTML) 2 Page - Texas Instruments

  SNJ55451BJG Datasheet HTML 1Page - Texas Instruments SNJ55451BJG Datasheet HTML 2Page - Texas Instruments SNJ55451BJG Datasheet HTML 3Page - Texas Instruments SNJ55451BJG Datasheet HTML 4Page - Texas Instruments SNJ55451BJG Datasheet HTML 5Page - Texas Instruments SNJ55451BJG Datasheet HTML 6Page - Texas Instruments SNJ55451BJG Datasheet HTML 7Page - Texas Instruments SNJ55451BJG Datasheet HTML 8Page - Texas Instruments SNJ55451BJG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
SLRS021C – DECEMBER 1967 – REVISED MAY 2016
www.ti.com
Product Folder Links: SN55451B SN55452B SN55453B SN55454B SN75451B SN75452B SN75453B SN75454B
Submit Documentation Feedback
Copyright © 1967–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
Recommended Operating Conditions ....................... 4
7.3
Thermal Information .................................................. 4
7.4
Electrical Characteristics........................................... 5
7.5
Switching Characteristics, VCC = 5 V, TA = 25°C ..... 5
7.6
Dissipation Ratings ................................................... 5
7.7
Typical Characteristics .............................................. 6
8
Parameter Measurement Information .................. 6
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
9.2
Functional Block Diagrams ....................................... 9
9.3
Feature Description................................................. 10
9.4
Device Functional Modes........................................ 10
10
Application and Implementation........................ 13
10.1
Application Information.......................................... 13
10.2
Typical Application ................................................ 13
11
Power Supply Recommendations ..................... 14
12
Layout................................................................... 14
12.1
Layout Guidelines ................................................. 14
12.2
Layout Example .................................................... 14
13
Device and Documentation Support ................. 15
13.1
Related Links ........................................................ 15
13.2
Community Resources.......................................... 15
13.3
Trademarks ........................................................... 15
13.4
Electrostatic Discharge Caution ............................ 15
13.5
Glossary ................................................................ 15
14
Mechanical, Packaging, and Orderable
Information ........................................................... 15
4 Revision History
Changes from Revision B (January 1999) to Revision C
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1


Similar Part No. - SNJ55451BJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55451BJG TI-SNJ55451BJG Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI1-SNJ55451BJG Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
More results

Similar Description - SNJ55451BJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55451B TI1-SN55451B_18 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com