Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2350 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2350
Description  Hot Swap Power Manager for Redundant ??8-V Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2350 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2350 Datasheet HTML 1Page - Texas Instruments TPS2350 Datasheet HTML 2Page - Texas Instruments TPS2350 Datasheet HTML 3Page - Texas Instruments TPS2350 Datasheet HTML 4Page - Texas Instruments TPS2350 Datasheet HTML 5Page - Texas Instruments TPS2350 Datasheet HTML 6Page - Texas Instruments TPS2350 Datasheet HTML 7Page - Texas Instruments TPS2350 Datasheet HTML 8Page - Texas Instruments TPS2350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RTN
FLT
UV
OV
FLTTIM
RAMP
SOURCE
–VINA
–VINB
PG
GAT
SENSE
GATA
GATB
SOIC/TSSOP-14 PACKAGE
(TOP VIEW)
TPS2350
SLUS574D – JULY 2003 – REVISED OCTOBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range, RTN(2)
–0.3 to 100
Input voltage range, –VINA to –VINB
–100 to 100
V
Input voltage range, FLTTIM, RAMP, SENSE, OV, UV (2)
–0.3 to 15
Output voltage range, FLT, PG(2)(3)
–0.3 to 100
Continuous output current, FLT, PG
10
mA
See the Thermal Information
Continuous total power dissipation
table
Human body model (HBM)
2
Electrostatic Discharge
kV
Charged device model (CDM)
1.5
Operating junction temperature range, TJ
–55 to 125
°C
Storage temperature range, Tstg
–65 to 150
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the more negative of –VINA and –VINB (unless otherwise noted).
(3)
With 10 k
Ω minimum series resistance. Range limited to –0.3V to 80V from low impedance source.
Device Information
TA
PACKAGE(1)
PART NUMBER
SOIC–14(2)
TPS2350D
–40°C to 85°C
TSSOP–14(2)
TPS2350PW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The D and PW packages are also available taped and reeled. Add an R suffix to the device type (i.e. TPS2350DR).
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input supply, –VINA, –VINB to RTN
–80
–48
–12
V
Operating junction temperature range
–40
85
°C
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: TPS2350


Similar Part No. - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350D TI-TPS2350D Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350DR TI-TPS2350DR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350PW TI-TPS2350PW Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350PWR TI-TPS2350PWR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
More results

Similar Description - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com