Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2350PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2350PWR
Description  Hot Swap Power Manager for Redundant ??8-V Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2350PWR Datasheet(HTML) 4 Page - Texas Instruments

  TPS2350PWR Datasheet HTML 1Page - Texas Instruments TPS2350PWR Datasheet HTML 2Page - Texas Instruments TPS2350PWR Datasheet HTML 3Page - Texas Instruments TPS2350PWR Datasheet HTML 4Page - Texas Instruments TPS2350PWR Datasheet HTML 5Page - Texas Instruments TPS2350PWR Datasheet HTML 6Page - Texas Instruments TPS2350PWR Datasheet HTML 7Page - Texas Instruments TPS2350PWR Datasheet HTML 8Page - Texas Instruments TPS2350PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS2350
SLUS574D – JULY 2003 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
–VINA = –48 V, –VINB = 0 V, UV = 2.5 V, OV = 0.5 V, SENSE = 0 V, RAMP = 0 V, SOURCE = more negative of –VINA and
–VINB, all outputs unloaded, TA = –40°C to 85°C (unless otherwise noted)
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overload Comparator
VTH_OL
SENSE current overload threshold
100
120
140
mV
tRSP
Response time
SENSE – SOURCE = 200 mV
2
4
7
µs
Fault Timer
FLTTIM low-level output voltage, to
VOL
UV = –48 V
5
mV
–VINA
FLTTIM charging current, current limit
ICHG
FLTTIM – SOURCE = 2 V
–54
–50
–41
µA
mode
FLTTIM fault threshold voltage to
VFLT
3.75
4.00
4.25
SOURCE
V
VRST
Fault reset threshold to SOURCE
0.5
IDSG
FLTTIM Discharge current, retry mode
FLTTIM – SOURCE = 2 V
0.38
0.75
µA
SENSE – SOURCE = 80 mV,
D
Output duty cycle during retry cycles
1%
1.5%
FLTTIM
− SOURCE = 2 V
FLTTIM discharge current, timer reset
FLTTIM
− SOURCE = 2 V,
IRST
1
mA
mode
SENSE = 2 V
Logic Outputs (FLT, PG)
IOHFLT
FLT high-level output leakage current
UV = –48 V, FLT – SOURCE = 80 V
–10
10
µA
IOHPG
PG high-level output leakage current
UV = –45 V, PG – SOURCE = 80 V
–10
10
SENSE–SOURCE = 80 mV,
RDS(on)
FLT ON resistance
FLTTIM–SOURCE = 5 V,
50
80
Ω
I(FLT) = 1 mA
RDS(on)
PG ON resistance
UV = –48 V, IO(PG) = 1 mA
50
80
Supply Selector
VTHA
Threshold voltage, –VINA falling
–VINB = –48 V, –VINA falling
–48.45
–48.40
–48.35
V
VTHB
Threshold voltage, –VINB falling
–VINA = –48 V, –VINB falling
–48.45
–48.40
–48.35
–VINA = 0 V, –VINB = –48 V,
ISINK
GATA sink current
30
80
mA
GATA = –41 V
–VINA = –48 V, –VINB = –0 V,
ISOURCE
GATA source current
–50
–20
µA
GATA = –41 V
–VINA = –48 V, –VINB = –0 V,
ISINK
GATB sink current
30
80
mA
GATB = –41 V
–VINA = 0 V, –VINB = –48 V,
ISOURCE
GATB source current
–50
–20
µA
GATB = –41 V
VOLA
GATA low voltage to –VINA
VINA = 0 V, –VINB = –48 V
0.1
VOLA
GATA high voltage to –VINA
–VINA = –48 V, –VINB = 0 V
11
14
17
V
VOLB
GATB low voltage to –VINB
–VINA = –48 V, –VINB = 0 V
0.1
VOLB
GATB high voltage to –VINB
–VINA = 0 V, –VINB = –48 V
11
14
17
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: TPS2350


Similar Part No. - TPS2350PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350PWR TI-TPS2350PWR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
More results

Similar Description - TPS2350PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com