Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2350PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2350PWR
Description  Hot Swap Power Manager for Redundant ??8-V Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2350PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2350PWR Datasheet HTML 5Page - Texas Instruments TPS2350PWR Datasheet HTML 6Page - Texas Instruments TPS2350PWR Datasheet HTML 7Page - Texas Instruments TPS2350PWR Datasheet HTML 8Page - Texas Instruments TPS2350PWR Datasheet HTML 9Page - Texas Instruments TPS2350PWR Datasheet HTML 10Page - Texas Instruments TPS2350PWR Datasheet HTML 11Page - Texas Instruments TPS2350PWR Datasheet HTML 12Page - Texas Instruments TPS2350PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
–40
–15
10
35
60
85
0
–54
–48
–46
–52
TA – Ambient Temperature – °C
V(RTN) = V(–VINB) = 0 V
VOUT(FLTTIM) – VIN(SOURCE) = 2 V
–80 V ≤ V(–VINA) ≤ –20 V
TA – Ambient Temperature –°C
–40
–15
10
35
60
85
–11.5
–10.9
–9.1
–8.5
–10.3
–9.7
Average for VOUT(RAMP) – VIN(SOURCE) = 1 V, 3 V
V(RTN) = V(–VINB) = 0 V
–80 V ≤ V(–VINA) ≤ –12 V
TA – Ambient Temperature –°C
–40
–15
10
35
60
85
–580
–560
–520
–480
–460
–540
–500
V(–VINA) = –12 V
V(–VINA) = –36 V
V(–VINA) = –48 V
V(RTN) = V(–VINB) = 0 V
VOUT(RAMP) – VIN(SOURCE)= 0.25V
T – Ambient Temperature – C
A
°
–40
–15
10
35
60
85
4
0
8
12
16
V(RTN) = V(–VINB) = 0 V
VIN(SENSE) – VIN(SOURCE) = 0 V
IOUT(GAT) = 10 µA
V(–VINA) = –48 V
V(–VINA) = –20 V
V(–VINA) = –12 V
TPS2350
www.ti.com
SLUS574D – JULY 2003 – REVISED OCTOBER 2013
TYPICAL CHARACTERISTICS
GAT HIGH-LEVEL OUTPUT VOLTAGE
RAMP OUTPUT CURRENT
vs
vs
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE, REDUCED RATE MODE
Figure 9.
Figure 10.
RAMP OUTPUT CURRENT
TIMER CHARGING CURRENT
vs
vs
AMBIENT TEMPERATURE, NORMAL RATE MODE
AMBIENT TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2350


Similar Part No. - TPS2350PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350PWR TI-TPS2350PWR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
More results

Similar Description - TPS2350PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com