Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204B501ML Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6204B501ML
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204B501ML Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6204B501ML Datasheet HTML 1Page - Torex Semiconductor XC6204B501ML Datasheet HTML 2Page - Torex Semiconductor XC6204B501ML Datasheet HTML 3Page - Torex Semiconductor XC6204B501ML Datasheet HTML 4Page - Torex Semiconductor XC6204B501ML Datasheet HTML 5Page - Torex Semiconductor XC6204B501ML Datasheet HTML 6Page - Torex Semiconductor XC6204B501ML Datasheet HTML 7Page - Torex Semiconductor XC6204B501ML Datasheet HTML 8Page - Torex Semiconductor XC6204B501ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
■Packaging Information
GSOT-25
A’
A
2.0±0.15
0.5±0.1
(0.45)
(0.45)
(0.45)
(0.05)
45゚
45゚
6
5
4
1
2
3
Note : Pin 1 is larger than the other pins.
A-A' cross section
1.0±0.1
0.7±0.03
0.25±0.1
0.25±0.1
3
2
1
4
5
6
GUSP-6B
0.4
(0.95)
1.9±0.2
2.9±0.2
+0.1
-0.05
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
XC6204
Series
259
3
03S_04XC6204 02.9.12 2:57 PM ページ 259


Similar Part No. - XC6204B501ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204B502DL TOREX-XC6204B502DL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204B502DR TOREX-XC6204B502DR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204B502ML TOREX-XC6204B502ML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204B502MR TOREX-XC6204B502MR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
logo
TECH PUBLIC Electronics...
XC6204B502MR TECHPUBLIC-XC6204B502MR Datasheet
2Mb / 8P
   24V ,300mA,2uA, Higt PSRR Voltage Reaulator
More results

Similar Description - XC6204B501ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com