Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22860 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22860
Description  Ultra-Low Leakage Load Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22860 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22860 Datasheet HTML 1Page - Texas Instruments TPS22860 Datasheet HTML 2Page - Texas Instruments TPS22860 Datasheet HTML 3Page - Texas Instruments TPS22860 Datasheet HTML 4Page - Texas Instruments TPS22860 Datasheet HTML 5Page - Texas Instruments TPS22860 Datasheet HTML 6Page - Texas Instruments TPS22860 Datasheet HTML 7Page - Texas Instruments TPS22860 Datasheet HTML 8Page - Texas Instruments TPS22860 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS22860
SLVSD04 – APRIL 2015
TPS22860 Ultra-Low Leakage Load Switch
1 Features
3 Description
The TPS22860 is a small, ultra-low leakage current,
1
Integrated Single Channel Load Switch
single channel load switch. The device requires a
Bias Voltage Range (VBIAS): 1.65 V to 5.5 V
VBIAS voltage and can operate over an input voltage
Input Voltage Range: 0 V to VBIAS
range of 0 V to VBIAS. It can support a maximum
continuous
current
of
200
mA.
The
switch
is
ON-Resistance (RON)
controlled by an on/off input (ON), which is capable of
RON = 0.73 Ω at VIN = 5 V (VBIAS = 5 V)
interfacing directly with low-voltage control signals.
RON = 0.68 Ω at VIN = 3.3 V (VBIAS = 5 V)
The TPS22860 is available in two small, space-
saving 6-pin SOT-23 and SC70 packages. The
RON = 0.63 Ω at VIN = 1.8 V (VBIAS = 5 V)
device is characterized for operation over the free-air
200 mA Maximum Continuous Switch Current
temperature range of –40°C to 85°C.
Ultra-Low Leakage Current
VIN Leakage Current = 2 nA
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
VBIAS Leakage Current at 5.5 V = 10 nA
SOT-23
2.80 x 2.90 mm
6-pin SOT-23 or SC70 Package
TPS22860
SC-70
2.10 x 2.00 mm
ESD Performance Tested per JESD 22
(1) For all available packages, see the orderable addendum at
2 kV HBM and 1 kV CDM
the end of the data sheet.
2 Applications
Wearables
Internet of Things
Wireless Sensor Networks
4 Common Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS22860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810 TI1-TPS22810 Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
TPS22810 TI1-TPS22810 Datasheet
1Mb / 35P
[Old version datasheet]   2.7-18-V, On-Resistance Load Switch With Thermal Protection
TPS22810 TI1-TPS22810 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 32P
[Old version datasheet]   2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
More results

Similar Description - TPS22860

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22916 DIODES-AP22916 Datasheet
4Mb / 32P
   1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
logo
Global Mixed-mode Techn...
G5198 GMT-G5198 Datasheet
34Kb / 1P
   Ultra-Low Loss Load Switch
logo
Vishay Siliconix
SIP32431 VISHAY-SIP32431_V01 Datasheet
394Kb / 15P
   10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
01-Jan-2022
SIP32432 VISHAY-SIP32432_V01 Datasheet
434Kb / 13P
   10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
08-Feb-17
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
logo
M/A-COM Technology Solu...
V9X MA-COM-V9X Datasheet
452Kb / 2P
   Ultra-Low Leakage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com