Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22914BYFPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22914BYFPT
Description  5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22914BYFPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22914BYFPT Datasheet HTML 4Page - Texas Instruments TPS22914BYFPT Datasheet HTML 5Page - Texas Instruments TPS22914BYFPT Datasheet HTML 6Page - Texas Instruments TPS22914BYFPT Datasheet HTML 7Page - Texas Instruments TPS22914BYFPT Datasheet HTML 8Page - Texas Instruments TPS22914BYFPT Datasheet HTML 9Page - Texas Instruments TPS22914BYFPT Datasheet HTML 10Page - Texas Instruments TPS22914BYFPT Datasheet HTML 11Page - Texas Instruments TPS22914BYFPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
VIN (V)
1.05
1.55
2.05
2.55
3.05
3.55
4.05
4.55
5.05
5.5
20
30
40
50
60
70
80
D005
-40°C
25°C
85°C
105°C
IOUT (A)
0
0.5
1
1.5
2
0
10
20
30
40
50
60
70
80
D006
VIN = 1.05V
VIN = 1.2V
VIN = 1.5V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.2V
VIN = 5V
VIN = 5.5V
VIN (V)
1.05
1.55
2.05
2.55
3.05
3.55
4.05
4.55
5.05
5.5
0
0.4
0.8
1.2
1.6
2
2.4
2.8
D003
-40°C
25°C
85°C
105°C
Junction Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
D004
VIN = 1.05V
VIN = 1.2V
VIN = 1.5V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.2V
VIN = 5V
VIN = 5.5V
VIN (V)
1.05
1.55
2.05
2.55
3.05
3.55
4.05
4.55
5.05
5.5
3
4
5
6
7
8
9
10
11
D001
-40°C
25°C
85°C
105°C
VIN (V)
1.05
1.55
2.05
2.55
3.05
3.55
4.05
4.55
5.05
5.5
3
4
5
6
7
8
9
10
11
D002
-40°C
25°C
85°C
105°C
TPS22914B, TPS22914C, TPS22915B, TPS22915C
SLVSCO0C – JUNE 2014 – REVISED JULY 2015
www.ti.com
8.7 Typical DC Characteristics
VON = 5 V
IOUT = 0 A
VON = 5 V
IOUT = 0 A
Figure 3. IQ vs VIN (TPS22914B/15B)
Figure 4. IQ vs VIN (TPS22914C/15C)
VON = 0 V
IOUT = 0 A
VON = 5 V
IOUT = –200 mA
Figure 5. ISD vs VIN
Figure 6. RON vs TJ
VON = 5 V
TA = 25°C
VON = 5 V
IOUT = –200 mA
Figure 8. RON vs IOUT
Figure 7. RON vs VIN
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS22914B TPS22914C TPS22915B TPS22915C


Similar Part No. - TPS22914BYFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVR TI1-TPS22910AYZVR Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVT TI1-TPS22910AYZVT Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912A TI1-TPS22912A Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Similar Description - TPS22914BYFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com