Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22918TDBVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22918TDBVRQ1
Description  5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22918TDBVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22918TDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS22918TDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS22918TDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS22918TDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS22918TDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS22918TDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS22918TDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS22918TDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS22918TDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Input Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
30
40
50
60
70
80
90
100
D001
-40qC
25qC
85qC
105qC
Power
Supply
VIN
GND
VOUT
QOD
TPS22918-Q1
ON
GND
ON
OFF
C IN
R
L
CT
C
L
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22918-Q1
SLVSCZ8A – JULY 2016 – REVISED JULY 2016
TPS22918-Q1, 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch
1
1 Features
1
AEC-Q100 Qualified
Integrated Single-Channel Load Switch
Qualified for Automotive Applications:
Device Temperature Grade 2: –40°C to
+105°C Ambient Operating Temperature
Range
Input Voltage Range: 1 V to 5.5 V
Low On-Resistance (RON)
RON = 52 mΩ (typical) at VIN = 5 V
RON = 53 mΩ (typical) at VIN = 3.3 V
2-A Maximum Continuous Switch Current
Low Quiescent Current
8.3 µA (typical) at VIN = 3.3 V
Low-Control Input-Threshold Enables Use of 1 V
or Higher GPIO
Configurable Quick-Output Discharge (QOD)
Configurable Rise Time With CT Pin
Small SOT23-6 Package (DBV)
2.9 mm × 2.8 mm, 0.95-mm Pitch,
1.45-mm Height (with leads)
ESD Performance Tested per AEC Q100
±2-kV HBM and ±750-V CDM
2 Applications
Automotive Electronics
Infotainment
Cluster
ADAS (Advanced Driver Assistance Systems)
3 Description
The TPS22918-Q1 is a single-channel load switch
with both configurable rise time and configurable
quick-output discharge. The device contains an N-
channel MOSFET that can operate over an input
voltage range of 1 V to 5.5 V and can support a
maximum
continuous
current
of
2 A. The switch is controlled by an on and off input,
which is capable of interfacing directly with low-
voltage control signals.
The configurable rise time of the device reduces
inrush
current
caused
by
large
bulk
load
capacitances, thereby reducing or eliminating power
supply
droop.
The
TPS22918-Q1
features
a
configurable quick output discharge (QOD) pin, which
controls the fall time of the device to allow design
flexibility for power down and sequencing.
The TPS22918-Q1 is available in a small, leaded
SOT-23 package (DBV) which allows to visually
inspect solder joints. The device is characterized for
operation over the free-air temperature range of
–40°C to +105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22918-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
On-Resistance vs Input Voltage
Typical Values
IOUT = –200 mA


Similar Part No. - TPS22918TDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
TPS22918 TI1-TPS22918 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918DBVR TI1-TPS22918DBVR Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918DBVT TI1-TPS22918DBVT Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results

Similar Description - TPS22918TDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com