Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22964C Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22964C
Description  5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22964C Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22964C Datasheet HTML 7Page - Texas Instruments TPS22964C Datasheet HTML 8Page - Texas Instruments TPS22964C Datasheet HTML 9Page - Texas Instruments TPS22964C Datasheet HTML 10Page - Texas Instruments TPS22964C Datasheet HTML 11Page - Texas Instruments TPS22964C Datasheet HTML 12Page - Texas Instruments TPS22964C Datasheet HTML 13Page - Texas Instruments TPS22964C Datasheet HTML 14Page - Texas Instruments TPS22964C Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS22963C, TPS22964C
www.ti.com
SLVSBS6A – JUNE 2013 – REVISED JANUARY 2015
Typical AC Scope Captures at TA = 25ºC (continued)
Figure 24. Turn-On Response Time (VIN = 3.3 V, CIN = 1 µF,
Figure 25. Turn-Off Response Time (VIN = 3.3 V, CIN = 1 µF,
COUT = 0.1 µF, ROUT = 10 Ω)
COUT = 0.1 µF, ROUT = 10 Ω)
Figure 26. Turn-On Response Time (VIN = 2.5 V, CIN = 1 µF,
Figure 27. Turn-Off Response Time (VIN = 2.5 V, CIN = 1 µF,
COUT = 0.1 µF, ROUT = 10 Ω)
COUT = 0.1 µF, ROUT = 10 Ω)
Figure 28. Turn-On Response Time (VIN = 1.8 V, CIN = 1 µF,
Figure 29. Turn-Off Response Time (VIN = 1.8 V, CIN = 1 µF,
COUT = 0.1 µF, ROUT = 10 Ω)
COUT = 0.1 µF, ROUT = 10 Ω)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS22963C TPS22964C


Similar Part No. - TPS22964C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22964C TI-TPS22964C Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22964C2YZPR TI-TPS22964C2YZPR Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22964CYZPR TI-TPS22964CYZPR Datasheet
569Kb / 20P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
TPS22964CYZPR TI1-TPS22964CYZPR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22964CYZPR TI-TPS22964CYZPR Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Similar Description - TPS22964C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com